전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6751CTR 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 L6751CTR
상세설명  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 34Page - STMicroelectronics L6751CTR Datasheet HTML 35Page - STMicroelectronics L6751CTR Datasheet HTML 36Page - STMicroelectronics L6751CTR Datasheet HTML 37Page - STMicroelectronics L6751CTR Datasheet HTML 38Page - STMicroelectronics L6751CTR Datasheet HTML 39Page - STMicroelectronics L6751CTR Datasheet HTML 40Page - STMicroelectronics L6751CTR Datasheet HTML 41Page - STMicroelectronics L6751CTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
Output voltage monitoring and protection
L6751C
38/57
DocID025037 Rev 1
Equation 16
where ISMAX is max. current requested by the processor (see Intel docs for
details).
–
Adjust the defined values according to application bench tests.
–CSIMON in parallel to RSIMON can be added with proper time constant to prevent
false OC tripping.
Note:
This is the typical design flow. Custom design and specifications may require different
settings and ratios between the per-phase OC threshold and the total current OC threshold.
Applications with big ripple across inductors may be required to set per-phase OC to values
different than 110%: design flow should be modified accordingly.
RSIMON
1.24V RSG
ISMAX DCR
----------------------------------
=
ISIMON
DCR
RSG
------------- ISOUT
=





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57