전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8TL52X4 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 STM8TL52X4
상세설명  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 31Page - STMicroelectronics STM8TL52X4 Datasheet HTML 32Page - STMicroelectronics STM8TL52X4 Datasheet HTML 33Page - STMicroelectronics STM8TL52X4 Datasheet HTML 34Page - STMicroelectronics STM8TL52X4 Datasheet HTML 35Page - STMicroelectronics STM8TL52X4 Datasheet HTML 36Page - STMicroelectronics STM8TL52X4 Datasheet HTML 37Page - STMicroelectronics STM8TL52X4 Datasheet HTML 38Page - STMicroelectronics STM8TL52X4 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
DocID022344 Rev 7
35/84
STM8TL52x4 STM8TL53x4
Memory and register map
39
0x00 5340
PXS
PXS_RX0CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5341
PXS_RX1CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5342
PXS_RX2CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5343
PXS_RX3CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5344
PXS_RX4CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5345
PXS_RX5CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5346
PXS_RX6CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5347
PXS_RX7CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5348
PXS_RX8CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 5349
PXS_RX9CSSELR
ProxSense receiver sampling capacitor
selection register
0x00
0x00 534A
to
0x00 534F
Reserved area (6 byte)
Table 7. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84