| 전자부품 데이터시트 검색엔진 |
|
STM32F328C8 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F328C8 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 109 page ![]() Electrical characteristics STM32F328C8 52/109 DocID026351 Rev 3 Table 22. Typical and maximum current consumption from VDD supply at VDD = 1.8 V Symbol Parameter Conditions fHCLK All peripherals enabled All peripherals disabled Unit Typ. Max. @ TA(1) Typ. Max. @ TA(1) 25 °C 85 °C 105 °C 25 °C 85 °C 105 °C IDD Supply current in Run mode, executing from Flash External clock (HSE bypass) 72 MHz 46.4 49.4 50.4 52.1 26.1 27.4 27.9 28.2 mA 64 MHz 40.4 42.8 43.9 46.4 23.4 24.6 25.0 25.3 48 MHz 31.0 32.7 33.7 35.1 17.9 18.7 19.2 19.5 32 MHz 21.2 22.3 23.0 24.3 12.3 12.9 13.2 13.4 24 MHz 16.1 16.9 17.6 17.9 9.4 9.9 10.1 10.4 8 MHz 5.5 6.1 6.3 7.1 3.26 3.51 3.76 3.93 1 MHz 1.03 1.25 1.52 1.62 0.71 0.89 1.00 1.14 Internal clock (HSI) 64 MHz 37.9 40.1 41.3 42.0 23.1 24.3 24.8 25.0 48 MHz 29.1 30.6 31.6 32.0 17.7 18.6 19.0 19.2 32 MHz 19.9 20.9 21.6 22.0 12.1 12.8 13.1 13.3 24 MHz 15.2 16.0 16.5 16.8 9.3 9.7 10.0 10.2 8 MHz 5.4 5.7 6.0 6.2 3.29 3.57 3.81 3.93 Supply current in Run mode, executing from RAM External clock (HSE bypass) 72 MHz 46.3 49.2(2) 50.5 51.7(2) 27.3 28.8(2) 29.5 29.7(2) 64 MHz 40.1 44.0 45.1 45.7 24.2 25.6 26.2 26.5 48 MHz 30.9 33.3 34.4 34.8 17.9 19.4 19.9 20.2 32 MHz 21.2 22.6 23.3 23.6 12.4 13.1 13.4 13.7 24 MHz 16.1 17.0 17.7 18.0 9.4 9.9 10.2 10.4 8 MHz 5.4 6.0 6.1 6.3 3.11 3.35 3.57 3.74 1 MHz 0.69 0.85 1.09 1.31 0.40 0.57 0.80 0.96 Internal clock (HSI) 64 MHz 37.7 40.1 41.2 41.8 22.9 24.2 24.7 24.9 48 MHz 29.5 31.1 32.2 32.6 18.0 19.0 19.6 19.8 32 MHz 19.9 21.0 21.7 22.1 12.1 12.8 13.2 13.4 24 MHz 15.1 16.0 16.5 16.8 9.1 9.6 9.9 10.1 8 MHz 5.1 5.4 5.7 5.9 2.95 3.17 3.47 3.64 |