전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F328C8 데이터시트(PDF) 34 Page - STMicroelectronics

부품명 STM32F328C8
상세설명  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 데이터시트(HTML) 34 Page - STMicroelectronics

Back Button STM32F328C8 Datasheet HTML 30Page - STMicroelectronics STM32F328C8 Datasheet HTML 31Page - STMicroelectronics STM32F328C8 Datasheet HTML 32Page - STMicroelectronics STM32F328C8 Datasheet HTML 33Page - STMicroelectronics STM32F328C8 Datasheet HTML 34Page - STMicroelectronics STM32F328C8 Datasheet HTML 35Page - STMicroelectronics STM32F328C8 Datasheet HTML 36Page - STMicroelectronics STM32F328C8 Datasheet HTML 37Page - STMicroelectronics STM32F328C8 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
Pinouts and pin description
STM32F328C8
34/109
DocID026351 Rev 3
40
PB4
I/O
FT
NJTRST,
TIM16_CH1,
TIM3_CH1,
TSC_G5_IO2,
SPI1_MISO,
USART2_RX,
TIM17_BKIN,
EVENTOUT
-
41
PB5
I/O
FT
TIM16_BKIN,
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI,
USART2_CK,
TIM17_CH1,
EVENTOUT
-
42
PB6
I/O
FTf
TIM16_CH1N,
TSC_G5_IO3,
I2C1_SCL,
USART1_TX,
EVENTOUT
-
43
PB7
I/O
FTf
TIM17_CH1N,
TSC_G5_IO4,
I2C1_SDA,
USART1_RX,
TIM3_CH4,
EVENTOUT
-
44
BOOT0
I
B
-
45
PB8
I/O
FTf
TIM16_CH1,
TSC_SYNC,
I2C1_SCL,
USART3_RX,
CAN_RX,
TIM1_BKIN,
EVENTOUT
-
46
PB9
I/O
FTf
TIM17_CH1,
I2C1_SDA,
IR_OUT,
USART3_TX,
COMP2_OUT,
CAN_TX,
EVENTOUT
-
Table 12. STM32F328C8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
LQFP48
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More