전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F410RB 데이터시트(PDF) 80 Page - STMicroelectronics

부품명 STM32F410RB
상세설명  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410RB 데이터시트(HTML) 80 Page - STMicroelectronics

Back Button STM32F410RB Datasheet HTML 76Page - STMicroelectronics STM32F410RB Datasheet HTML 77Page - STMicroelectronics STM32F410RB Datasheet HTML 78Page - STMicroelectronics STM32F410RB Datasheet HTML 79Page - STMicroelectronics STM32F410RB Datasheet HTML 80Page - STMicroelectronics STM32F410RB Datasheet HTML 81Page - STMicroelectronics STM32F410RB Datasheet HTML 82Page - STMicroelectronics STM32F410RB Datasheet HTML 83Page - STMicroelectronics STM32F410RB Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 142 page
background image
Electrical characteristics
STM32F410x8/B
80/142
DocID028094 Rev 5
Figure 19. High-speed external clock source AC timing diagram
Figure 20. Low-speed external clock source AC timing diagram
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 26 MHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on
characterization results obtained with typical external components specified in Table 40. In
the application, the resonator and the load capacitors have to be placed as close as
possible to the oscillator pins in order to minimize output distortion and startup stabilization
time. Refer to the crystal resonator manufacturer for more details on the resonator
characteristics (frequency, package, accuracy).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More