| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICK7 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICK7 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 122 page ![]() - - - L13 87 - L13 - - 87 PH10 I/O FT - TIM5_CH1, FMC_D18, EVENTOUT - - - - L12 88 - L12 - - 88 PH11 I/O FT - TIM5_CH2, FMC_D19, EVENTOUT - - - - K12 89 - K12 - - 89 PH12 I/O FT - TIM5_CH3, FMC_D20, EVENTOUT - - - - H12 90 - H12 - - 90 VSS S - - - - - - - J12 91 K2 J12 - - 91 VDD S - - - - 33 51 73 P12 92 J2 P12 M11 73 92 PB12 I/O FT (4) TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, USART3_CK, OTG_HS_ULPI_D5, OTG_HS_ID, EVENTOUT - 34 52 74 P13 93 H2 P13 M12 74 93 PB13 I/O FT (4) TIM1_CH1N, SPI2_SCK/I2S2_CK, USART3_CTS, OTG_HS_ULPI_D6, EVENTOUT OTG_HS_VBUS - - - - - G2 J15 H11 75 94 OTG_HS_REXT - - - USB HS OTG PHY calibration resistor - - - - - G1 J14 H10 76 95 VDD12OTGHS - - - - - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |