전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F732ICK7 데이터시트(PDF) 72 Page - STMicroelectronics

부품명 STM32F732ICK7
상세설명  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICK7 데이터시트(HTML) 72 Page - STMicroelectronics

Back Button STM32F732ICK7 Datasheet HTML 68Page - STMicroelectronics STM32F732ICK7 Datasheet HTML 69Page - STMicroelectronics STM32F732ICK7 Datasheet HTML 70Page - STMicroelectronics STM32F732ICK7 Datasheet HTML 71Page - STMicroelectronics STM32F732ICK7 Datasheet HTML 72Page - STMicroelectronics STM32F732ICK7 Datasheet HTML 73Page - STMicroelectronics STM32F732ICK7 Datasheet HTML 74Page - STMicroelectronics STM32F732ICK7 Datasheet HTML 75Page - STMicroelectronics STM32F732ICK7 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
44
70
103 C15 122
C1
C15 C12 103 122
PA11
I/O
FT
-
TIM1_CH4, USART1_CTS,
CAN1_RX, OTG_FS_DM,
EVENTOUT
-
45
71
104 B15 123
B2
B15 B12 104 123
PA12
I/O
FT
-
TIM1_ETR, USART1_RTS,
SAI2_FS_B, CAN1_TX,
OTG_FS_DP, EVENTOUT
-
46
72
105 A15 124
B1
A15 A12 105 124
PA13(JTMS-
SWDIO)
I/O
FT
-
JTMS-SWDIO, EVENTOUT
-
-
73
106 F13 125
B3
F13
G9
106 125
VCAP_2
S
-
-
-
-
47
74
107 F12 126
A2
F12 G10 107 126
VSS
S
-
-
-
-
48
75
108 G13 127
A1
G13
F9
108 127
VDD
S
-
-
-
-
-
-
-
E12 128
-
E12
-
-
128
PH13
I/O
FT
-
TIM8_CH1N, UART4_TX,
CAN1_TX, FMC_D21,
EVENTOUT
-
-
-
-
E13 129
-
E13
-
-
129
PH14
I/O
FT
-
TIM8_CH2N, UART4_RX,
CAN1_RX, FMC_D22,
EVENTOUT
-
-
-
-
D13 130
-
D13
-
-
130
PH15
I/O
FT
-
TIM8_CH3N, FMC_D23,
EVENTOUT
-
Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F732xx
STM32F733xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More