| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICK7 데이터시트(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICK7 데이터시트(HTML) 71 Page - STMicroelectronics |
|
71 / 122 page ![]() 38 64 97 G15 116 D4 G15 F12 97 116 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2S3_MCK, USART6_RX, SDMMC2_D7, SDMMC1_D7, EVENTOUT - 39 65 98 G14 117 D2 G14 F11 98 117 PC8 I/O FT - TRACED1, TIM3_CH3, TIM8_CH3, UART5_RTS, USART6_CK, SDMMC1_D0, EVENTOUT - 40 66 99 F14 118 D1 F14 E11 99 118 PC9 I/O FT - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, UART5_CTS, QUADSPI_BK1_IO0, SDMMC1_D1, EVENTOUT - 41 67 100 F15 119 D3 F15 E12 100 119 PA8 I/O FT - MCO1, TIM1_CH1, TIM8_BKIN2, I2C3_SCL, USART1_CK, OTG_FS_SOF, EVENTOUT - 42 68 101 E15 120 C3 E15 D12 101 120 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, SPI2_SCK/I2S2_CK, USART1_TX, EVENTOUT OTG_FS_VBUS 43 69 102 D15 121 C2 D15 D11 102 121 PA10 I/O FT - TIM1_CH3, USART1_RX, OTG_FS_ID, EVENTOUT - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |