| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICK7 데이터시트(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICK7 데이터시트(HTML) 77 Page - STMicroelectronics |
|
77 / 122 page ![]() - - 131 C7 159 - C7 F6 131 159 VDD S - - - - - - 132 B7 160 - B7 B7 132 160 PG15 I/O FT - USART6_CTS, FMC_SDNCAS, EVENTOUT - 55 89 133 A10 161 A6 A10 A7 133 161 PB3(JTDO/TRA CESWO) I/O FT - JTDO/TRACESWO, TIM2_CH2, SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, SDMMC2_D2, EVENTOUT - 56 90 134 A9 162 B7 A9 A6 134 162 PB4(NJTRST) I/O FT - NJTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, SPI2_NSS/I2S2_WS, SDMMC2_D3, EVENTOUT - 57 91 135 A6 163 C7 A6 B6 135 163 PB5 I/O FT (4) TIM3_CH2, I2C1_SMBA, SPI1_MOSI/I2S1_SD, SPI3_MOSI/I2S3_SD, OTG_HS_ULPI_D7, FMC_SDCKE1, EVENTOUT - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |