| 전자부품 데이터시트 검색엔진 |
|
NAND01GR3A 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NAND01GR3A 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 57 page ![]() 1/57 February 2005 NAND128-A, NAND256-A NAND512-A, NAND01G-A 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories FEATURES SUMMARY ■ HIGH DENSITY NAND FLASH MEMORIES – Up to 1 Gbit memory array – Up to 32 Mbit spare area – Cost effective solutions for mass storage applications ■ NAND INTERFACE – x8 or x16 bus width – Multiplexed Address/ Data – Pinout compatibility for all densities ■ SUPPLY VOLTAGE – 1.8V device: VDD = 1.7 to 1.95V – 3.0V device: VDD = 2.7 to 3.6V ■ PAGE SIZE – x8 device: (512 + 16 spare) Bytes – x16 device: (256 + 8 spare) Words ■ BLOCK SIZE – x8 device: (16K + 512 spare) Bytes – x16 device: (8K + 256 spare) Words ■ PAGE READ / PROGRAM – Random access: 12µs (max) – Sequential access: 50ns (min) – Page program time: 200µs (typ) ■ COPY BACK PROGRAM MODE – Fast page copy without external buffering ■ FAST BLOCK ERASE – Block erase time: 2ms (Typ) ■ STATUS REGISTER ■ ELECTRONIC SIGNATURE ■ CHIP ENABLE ‘DON’T CARE’ OPTION – Simple interface with microcontroller ■ SERIAL NUMBER OPTION ■ HARDWARE DATA PROTECTION – Program/Erase locked during Power transitions Figure 1. Packages ■ DATA INTEGRITY – 100,000 Program/Erase cycles – 10 years Data Retention ■ RoHS COMPLIANCE – Lead-Free Components are Compliant with the RoHS Directive ■ DEVELOPMENT TOOLS – Error Correction Code software and hardware models – Bad Blocks Management and Wear Leveling algorithms – File System OS Native reference software – Hardware simulation models TSOP48 12 x 20mm VFBGA55 8 x 10 x 1mm TFBGA55 8 x 10 x 1.2mm VFBGA63 9 x 11 x 1mm TFBGA63 9 x 11 x 1.2mm FBGA USOP48 12 x 17 x 0.65mm |
유사한 부품 번호 - NAND01GR3A |
|
유사한 설명 - NAND01GR3A |