| 전자부품 데이터시트 검색엔진 |
|
HT45F3W 데이터시트(PDF) 57 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F3W 데이터시트(HTML) 57 Page - Holtek Semiconductor Inc |
|
57 / 167 page ![]() Rev. 1.50 5� De�e��e� 01� �01� Rev. 1.50 57 De�e��e� 01� �01� HT45F3W R-Type Blood Pressure Meter Flash MCU HT45F3W R-Type Blood Pressure Meter Flash MCU NORMAL Mode to SLOW Mode Switching WhenrunningintheNORMALMode,whichusesthehighspeedsystemoscillator,andtherefore consumesmorepower,thesystemclockcanswitchtorunintheSLOWModebysettheHLCLKbit to“0”andsettheCKS2~CKS0bitsto“000”or“001”intheSMOD0register.Thiswillthenusethe lowspeedsystemoscillatorwhichwillconsumelesspower.Usersmaydecidetodothisforcertain operationswhichdonotrequirehighperformanceandcansubsequentlyreducepowerconsumption. TheSLOWModeissourcedfromtheLXTortheLIRCoscillatorsandthereforerequiresthese oscillatorstobestablebeforefullmodeswitchingoccurs.ThisismonitoredusingtheLTObitinthe SMOD0register. SL OW M ode SL EEP0 M od e SL EEP1 M od e ID EL 0 M ode ID LE 1 M ode NO RM AL M ode CK S2 ~ C KS 0 = 00x B & HL CL K = 0 WD T and L VD a r e al l of f ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d WD T or L VD i s on ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d ID LE N = 1, F SYSO N= 0 HA LT i ns tr uc ti on i s ex ec ut ed ID LE N = 1, F SYSO N= 1 HA LT i ns tr uc ti on is e xe cu te d |