| 전자부품 데이터시트 검색엔진 |
|
HT82M9BA 데이터시트(PDF) 38 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82M9BA 데이터시트(HTML) 38 Page - Holtek Semiconductor Inc |
|
38 / 44 page ![]() Package Information 24-pin SSOP (150mil) Outline Dimensions Symbol Dimensions in mil Min. Nom. Max. A 228 ¾ 244 B 150 ¾ 157 C8 ¾ 12 C ¢ 335 ¾ 346 D54 ¾ 60 E ¾ 25 ¾ F4 ¾ 10 G22 ¾ 28 H7 ¾ 10 a 0 °¾ 8 ° HT82M9BE/HT82M9BA Rev. 1.80 38 December 22, 2008 2 4 1 1 3 1 2 A B C D E F C ' G H a |