전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAV801ASTZ 데이터시트(PDF) 30 Page - Analog Devices

부품명 ADAV801ASTZ
상세설명  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ 데이터시트(HTML) 30 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 26Page - Analog Devices ADAV801ASTZ Datasheet HTML 27Page - Analog Devices ADAV801ASTZ Datasheet HTML 28Page - Analog Devices ADAV801ASTZ Datasheet HTML 29Page - Analog Devices ADAV801ASTZ Datasheet HTML 30Page - Analog Devices ADAV801ASTZ Datasheet HTML 31Page - Analog Devices ADAV801ASTZ Datasheet HTML 32Page - Analog Devices ADAV801ASTZ Datasheet HTML 33Page - Analog Devices ADAV801ASTZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
ADAV801
Rev. A | Page 29 of 60
Datapath
The ADAV801 features a digital input/output switching/
multiplexing matrix that gives flexibility to the range of possible
input and output connections. Digital input ports include
playback and auxiliary input (both 3-wire digital), and S/PDIF
(single-wire to the on-chip receiver). Output ports include the
record and auxiliary output ports (both 3-wire digital) and the
S/PDIF port (single-wire from the on-chip transmitter).
Internally, the DIR and DIT are interfaced via 3-wire interfaces.
The datapath for each input and output port is selected by
programming Datapath Control Register 1 and Datapath
Control Register 2. Figure 52 shows the internal datapath
structure of the ADAV801.
PLL
ADC
DAC
OSCILLATOR
REFERENCE
CONTROL
REGISTERS
PLAYBACK
DATA
INPUT
DIR
AUX
DATA
INPUT
RECORD
DATA
OUTPUT
AUX
DATA
OUTPUT
DIT
SRC
Figure 52. Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61