전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAV801ASTZ 데이터시트(PDF) 52 Page - Analog Devices

부품명 ADAV801ASTZ
상세설명  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ 데이터시트(HTML) 52 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 48Page - Analog Devices ADAV801ASTZ Datasheet HTML 49Page - Analog Devices ADAV801ASTZ Datasheet HTML 50Page - Analog Devices ADAV801ASTZ Datasheet HTML 51Page - Analog Devices ADAV801ASTZ Datasheet HTML 52Page - Analog Devices ADAV801ASTZ Datasheet HTML 53Page - Analog Devices ADAV801ASTZ Datasheet HTML 54Page - Analog Devices ADAV801ASTZ Datasheet HTML 55Page - Analog Devices ADAV801ASTZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
ADAV801
Rev. A | Page 51 of 60
ADC Left Volume—Address 1110000 (0x70)
Table 120. ADC Left Volume Register Bit Map
7
6
5
4
3
2
1
0
AVOLL7
AVOLL6
AVOLL5
AVOLL4
AVOLL3
AVOLL2
AVOLL1
AVOLL0
Table 121. ADC Left Volume Register Bit Descriptions
Bit Name
Description
AVOLL[7:0]
ADC left channel volume control.
1111111 = 1.0 (0 dBFS).
1111110 = 0.996 (−0.00348 dBFS).
1000000 = 0.5 (−6 dBFS).
0111111 = 0.496 (−6.09 dBFS).
0000000 = 0.0039 (−48.18 dBFS).
ADC Right Volume—Address 1110001 (0x71)
Table 122. ADC Right Volume Register Bit Map
7
6
5
4
3
2
1
0
AVOLR7
AVOLR6
AVOLR5
AVOLR4
AVOLR3
AVOLR2
AVOLR1
AVOLR0
Table 123. ADC Right Volume Register Bit Descriptions
Bit Name
Description
AVOLR[7:0]
ADC right channel volume control.
1111111 = 1.0 (0 dBFS).
1111110 = 0.996 (−0.00348 dBFS).
1000000 = 0.5 (−6 dBFS).
0111111 = 0.496 (−6.09 dBFS).
0000000 = 0.0039 (−48.18 dBFS).
ADC Left Peak Volume—Address 1110010 (0x72)
Table 124. ADC Left Peak Volume Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
ALP5
ALP4
ALP3
ALP2
ALP1
ALP0
Table 125. ADC Left Peak Volume Register Bit Descriptions
Bit Name
Description
ALP[5:0]
ADC left channel peak volume detection.
000000 = 0 dBFS.
000001 = −1 dBFS.
111111 = −63 dBFS.
ADC Right Peak Volume—Address 1110011 (0x73)
Table 126. ADC Right Peak Volume Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
ARP5
ARP4
ARP3
ARP2
ARP1
ARP0
Table 127. ADC Right Peak Volume Register Bit Descriptions
Bit Name
Description
ARP[5:0]
ADC right channel peak volume detection.
000000 = 0 dBFS.
000001 = −1 dBFS.
111111 = −63 dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61