| 전자부품 데이터시트 검색엔진 |
|
MSP432P411VIPZ 데이터시트(PDF) 186 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ 데이터시트(HTML) 186 Page - Texas Instruments |
|
186 / 212 page ![]() 186 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 www.ti.com Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) X = Don't care (2) Setting PJSEL1.0 = 0 and PJSEL0.0 = 1 causes the general-purpose I/O to be disabled. When LFXTBYPASS = 0, PJ.0 and PJ.1 are configured for crystal operation and PJSEL1.1 and PJSEL0.1 are don't care. When LFXTBYPASS = 1, PJ.0 is configured for bypass operation and PJ.1 is configured as general-purpose I/O. (3) When PJ.0 is configured in bypass mode, PJ.1 is configured as general-purpose I/O. (4) With PJSEL0.1 = 1 or PJSEL1.1 = 1 the general-purpose I/O functionality is disabled. No input function is available. When configured as output, the pin is actively pulled to zero. Table 6-84. Port PJ (PJ.0 and PJ.1) Pin Functions PIN NAME (PJ.x) x FUNCTION CONTROL BITS OR SIGNALS (1) PJDIR.x PJSEL1.1 PJSEL0.1 PJSEL1.0 PJSEL0.0 LFXT BYPASS PJ.0/LFXIN 0 PJ.0 (I/O) I: 0; O: 1 X X 0 0 X N/A 0 X X 1 X X DVSS 1 LFXIN crystal mode (2) X X X 0 1 0 LFXIN bypass mode (2) X X X 0 1 1 PJ.1/LFXOUT 1 PJ.1 (I/O) I: 0; O: 1 0 0 0 0 0 1 X X X 1 (3) N/A 0 See (4) See (4) 0 0 0 1 X X X 1 (3) DVSS 1 See (4) See (4) 0 0 0 1 X X X 1 (3) LFXOUT crystal mode (2) X X X 0 1 0 |