전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS53L32A 데이터시트(PDF) 23 Page - Cirrus Logic

부품명 CS53L32A
상세설명  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A 데이터시트(HTML) 23 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 19Page - Cirrus Logic CS53L32A Datasheet HTML 20Page - Cirrus Logic CS53L32A Datasheet HTML 21Page - Cirrus Logic CS53L32A Datasheet HTML 22Page - Cirrus Logic CS53L32A Datasheet HTML 23Page - Cirrus Logic CS53L32A Datasheet HTML 24Page - Cirrus Logic CS53L32A Datasheet HTML 25Page - Cirrus Logic CS53L32A Datasheet HTML 26Page - Cirrus Logic CS53L32A Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
CS53L32A
DS513F1
23
Soft Ramp and Zero Cross Enable
Soft Ramp and Zero Cross Enable dictates that signal level changes, either by attenuation changes
or muting, will occur in 1 dB steps and be implemented on a signal zero crossing. The level change
will occur after a timeout period of 512 sample periods in BRM or 1024 sample periods in HRM (ap-
proximately 10.7 ms at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero
cross function is independently monitored and implemented for each channel.
.
4.11
INDEPENDENT VOLUME CONTROL ENABLE
Analog I/O Control Register (address 03h)
Access:
R/W in Two Wire Mode and write only in SPI.
Default:
0 - Enabled
Function:
When this function is disabled, the AIN_L and AIN_R volume levels are controlled by the Left and
Right Volume Control registers and the Independent Analog Gain Control registers are ignored.
When this function is enabled, the volume levels are determined by both the Volume Control registers
and the Independent Analog Gain Control registers.
SOFT/ZC
ANALOG VOLUME CONTROL MODES
00
Change volume immediately
01
Change volume at next zero cross time
10
Change volume in 1 dB steps
11
Change volume in 1 dB steps at every zero cross time
Table 9. Analog Volume Control
SOFT
DIGITAL VOLUME CONTROL MODES
0
Change volume immediately
1
Change volume in1/8 dB steps
Table 10. Digital Volume Control
76543
210
MUTEL
MUTER
SOFT
ZC
RESERVED
INDVC
L=R
HPFREEZE
INDVC
MODE
0
Enabled
1Frozen
Table 11. Independent Volume Control Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com