전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS53L32A 데이터시트(PDF) 28 Page - Cirrus Logic

부품명 CS53L32A
상세설명  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A 데이터시트(HTML) 28 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 24Page - Cirrus Logic CS53L32A Datasheet HTML 25Page - Cirrus Logic CS53L32A Datasheet HTML 26Page - Cirrus Logic CS53L32A Datasheet HTML 27Page - Cirrus Logic CS53L32A Datasheet HTML 28Page - Cirrus Logic CS53L32A Datasheet HTML 29Page - Cirrus Logic CS53L32A Datasheet HTML 30Page - Cirrus Logic CS53L32A Datasheet HTML 31Page - Cirrus Logic CS53L32A Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
CS53L32A
28
DS513F1
Address Bit
8
AD0/CS (Control Port Mode)
(
Input) - In Two Wire mode, AD0 is a chip
address bit. CS is used to enable the control port interface in SPI mode.
MCLK Divide Enable
8
DIV (Stand-Alone Mode)
(
Input) - When high, the chip will enter High Rate
Mode. When this pin is low, the chip will enter Base Rate Mode.
Serial Control Data I/O
9
SDA/CDIN (Control Port Mode)
(
Input/Output) - In Two Wire mode, SDA is
a data I/O line. CDIN is the input data line for the control port interface in SPI
mode.
Digital Interface Format
9
DIF (Stand-Alone Mode)
(
Input) - The required relationship between the
Left/Right clock, serial clock and serial data is defined by the Digital Interface
Format.
Serial Control
Interface Clock
10
SCL/CCLK (Control Port Mode)
(
Input) - Clocks the serial control data into
or from SDA/CDIN/DIF.
Channel Select
10
ChSEL (Stand-Alone Mode)
(
Input) - The analog data path is determined
by the Channel Select bit. These options are detailed in Table 18.
Anti-Aliasing Capacitors
11, 12
AFLTR, AFLTL
(
Output) - Anti-aliasing capacitors for the left and right chan-
nels. An external capacitor is required from AFLTR and AFLTL to ground, as
shown in Figure 5. AFLTR and AFLTL are not intended to supply external
current, and any current drawn from these pins will alter device perfor-
mance.
Positive Voltage
Reference
13
FILT+
(
Output) - Positive reference for internal sampling circuits. An external
capacitor is required from FILT+ to ground, as shown in Figure 6. The rec-
ommended value will typically provide 60 dB of PSRR at 1 kHz and 40 dB of
PSRR at 60 Hz. FILT+ is not intended to supply external current. FILT+ has
a typical source impedance of 250 k
Ω and any current drawn from this pin
will alter device performance.
Analog Inputs
14, 15, 17, and 18
AIN_R1, AIN_L1, AIN_R2, AIN_L2
(
Input) - Channel 1/Channel 2 analog
inputs.
Sample
Rate
(kHz)
MCLK (MHz)
HRM
BRM
128x
192x
256x*
384x*
256x
384x
512x
768x*
1024x*
32
4.0960
6.1440
8.1920
12.2880
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
5.6448
8.4672
11.2896
16.9344
11.2896
16.9344
22.5792
32.7680
45.1584
48
6.1440
9.2160
12.2880
18.4320
12.2880
18.4320
24.5760
36.8640
49.1520
64
8.1920
12.2880
16.3840
24.5760
-
-
-
-
-
88.2
11.2896
16.9344
22.5792
33.8688
-
-
-
-
-
96
12.2880
18.4320
24.5760
36.8640
-
-
-
-
-
* MCLKDIV = 1 in Control Port mode or DIV= Hi when in Stand-Alone mode
Table 16. Common Clock Frequencies
DIF
DESCRIPTION
0
I2S, up to 24-bit data
1
Left Justified, up to 24-bit data
Table 17. Digital Interface Format - DIF (Stand-Alone Mode)
ChSEL
DESCRIPTION
0
Channel 1 directly to A/D
1
Channel 2 with 32dB of gain
Table 18. Channel Select Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com