전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLPMC 데이터시트(PDF) 45 Page - Cypress Semiconductor

부품명 MB90F548GLPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLPMC 데이터시트(HTML) 45 Page - Cypress Semiconductor

Back Button MB90F548GLPMC Datasheet HTML 41Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 42Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 43Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 44Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 45Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 46Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 47Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 48Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 45 of 70
MB90540G/545G Series
AC characteristics are set to the measured reference voltage values below.
16
12
8
9
4
34
8
16
×4
×3
×2
×1
×1/2
(PLL off)
 External clock frequency and Machine clock frequency
Machine clock
fCP (MHz)
External clock fC (MHz)
0.8 VCC
0.2 VCC
2.4 V
0.8 V
2.0 V
0.8 V
 Input signal waveform
 Output signal waveform
Hysteresis Input Pin
TTL Input Pin
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com