전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLPMC 데이터시트(PDF) 53 Page - Cypress Semiconductor

부품명 MB90F548GLPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLPMC 데이터시트(HTML) 53 Page - Cypress Semiconductor

Back Button MB90F548GLPMC Datasheet HTML 49Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 50Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 51Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 52Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 53Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 54Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 55Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 56Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 53 of 70
MB90540G/545G Series
11.4.8 Hold Timing
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
Note : There is more than 1 cycle from the time HRQ is read to the time the HAK is changed.
11.4.9 UART0/1, Serial I/O Timing
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
Notes :
■ AC characteristic in CLK synchronized mode.
■ CL is load capacity value of pins when testing.
■ For tCP (Machine clock cycle time) , refer to “ (1) Clock Timing”.
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Pin floating
 HAK time
tXHAL
HAK
30
tCP
ns
HAK
 time  Pin valid time
tHAHV
HAK
tCP
2 tCP
ns
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK2
Internal clock operation
output pins are CL
80
pF
1 TTL.
8 tCP
ns
SCK
  SOT delay time
tSLOV
SCK0 to SCK2,
SOT0 to SOT2
80 80
ns
Valid SIN
 SCK
tIVSH
SCK0 to SCK2,
SIN0 to SIN2
100
ns
SCK
 Valid SIN hold time
tSHIX
SCK0 to SCK2,
SIN0 to SIN2
60
ns
Serial clock “H” pulse width
tSHSL
SCK0 to SCK2
External clock operation
output pins are CL
80
pF
1 TTL.
4 tCP
ns
Serial clock “L” pulse width
tSLSH
SCK0 to SCK2
4 tCP
ns
SCK
  SOT delay time
tSLOV
SCK0 to SCK2,
SOT0 to SOT2
150
ns
Valid SIN
 SCK
tIVSH
SCK0 to SCK2,
SIN0 to SIN2
60
ns
SCK
  Valid SIN hold time
tSHIX
SCK0 to SCK2,
SIN0 to SIN2
60
ns
HAK
tXHAL
tHAHV
2.4 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 V
Each pin
High impedance
 Hold Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com