전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLPMC 데이터시트(PDF) 19 Page - Cypress Semiconductor

부품명 MB90F548GLPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLPMC 데이터시트(HTML) 19 Page - Cypress Semiconductor

Back Button MB90F548GLPMC Datasheet HTML 15Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 16Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 17Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 18Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 19Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 20Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 21Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 22Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 19 of 70
MB90540G/545G Series
(12) Indeterminate outputs from ports 0 and 1 (MB90V540G only)
During oscillation setting time of step-down circuit (during a power-on reset) after the power is turned on, the outputs from ports 0
and 1 become following state.
 If RST pin is “H”, the outputs become indeterminate.
 If RST pin is “L”, the outputs become high-impedance.
Pay attention to the port output timing shown as follow.
Oscillation setting time*2
Power-on reset*1
Period of indeterminated
VCC (Power-supply pin)
PONR (power-on reset) signal
RST (external asynchronous reset) signal
RST (internal reset) signal
Oscillation clock signal
KA (internal operation clock A) signal
KB (internal operation clock B) signal
PORT (port output) signal
*1 : Power-on reset time : “Period of clock frequency”
217 (Clock frequency of 16 MHz : 8.19 ms)
*2 : Oscillation setting time : “Period of clock frequency”
218 (Clock frequency of 16 MHz : 16.38 ms)
 RST pin is “H”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com