전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLPMC 데이터시트(PDF) 69 Page - Cypress Semiconductor

부품명 MB90F548GLPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLPMC 데이터시트(HTML) 69 Page - Cypress Semiconductor

Back Button MB90F548GLPMC Datasheet HTML 62Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 63Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 64Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 65Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 66Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 67Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 68Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 69Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 70Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 69 of 70
MB90540G/545G Series
15. Major Changes
Spansion Publication Number: DS07-13703-7E
NOTE: Please see “Document History” about later revised information.
Document History
Section
Change Results
■ PRODUCT LINEUP
Changed the name in peripheral resource.
16-bit I/O Timer
 16-bit Free-run Timer
■ I/O CIRCUIT TYPE
Changed the name of input typ.
Hysteresis
 CMOS Hysteresis
HYS
 CMOS Hysteresis
■ BLOCK DIAGRAM
Changed the arrow direction of SOT1 signal at UART1(SCI).
“
 ” (input/output)  “” (output)
■ I/O MAP
Changed the text of “Note”.
■ INTERRUPT MAP
Changed the name of peripheral resource of the pin number: #19.
I/O Timer
 16-bit Free-run Timer
■ ELECTRICAL CHARACTERISTICS
2. Recommended Conditions
Changed the remarks of “parameter: Power supply voltage”.
3. DC Characteristics
Changed the maximum value of symbol : VILM of parameter: Input voltage.
VCC + 0.3
 VSS + 0.3
Added the following remarks for parameter : Pull-down resistance.
Except Flash device
4. AC Characteristics
(1) Clock Timing
Added the value when using an external clock in Oscillation frequency and
Clock cycle time on (1) Clock Timing for parameter.
Added the item of A/D converter operation range in figure of “
Guaranteed
PLL operation range”
(3) Reset and Hardware Standby Input Timing
Changed the following item.
(3) Reset and Hardware Standby Input Timing Remarks:
In sub-clock mode, sub-sleep mode, timer mode
2tCP
 2tLCP
(4) Power On Reset
Changed as follows;
Due to repetitive operation
 Waiting time until power-on
5. A/D Converter
Changed the unit of Zero transition voltage and Full scale transition voltage.
mV
 V
■ ORDERING INFORMATION
Added the MB90F548GLPMC in Part Numbers.
Document Title: MB90F543G(S)/546G(S)/548G(S)/549G(S)/549G(S)/V540G/MB90543G(S)/547G(S)/548G(S)/F548GL(S)
CMOS F2MC-16LX MB90540G/545G Series 16-bit Proprietary Microcontroller
Document Number: 002-07696
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
AKIH
11/13/2008
Migrated to Cypress and assigned document number 002-07696.
No change to document contents or format.
*A
5537115
AKIH
11/30/2016
Updated to Cypress template



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com