전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLPMC 데이터시트(PDF) 12 Page - Cypress Semiconductor

부품명 MB90F548GLPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLPMC 데이터시트(HTML) 12 Page - Cypress Semiconductor

Back Button MB90F548GLPMC Datasheet HTML 8Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 9Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 10Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 11Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 12Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 13Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 14Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 15Page - Cypress Semiconductor MB90F548GLPMC Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 12 of 70
MB90540G/545G Series
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP*2
QFP*1
46
48
P57
D
General I/O port. This function is enabled when the 16-bit reload timers 0
disables the output.
TOT0
Output pin for the 16-bit reload timers 0. This function is enabled when the
16-bit reload timers 0 enables the output.
51 to 56
53 to 58
P70 to P75
D
General I/O ports. This function is always enabled.
IN0 to IN5
Trigger input pins for input captures ICU0 to ICU5. Set the corresponding
Port Direction Register to input if this
function is used.
57 , 58
59 , 60
P76 , P77
D
General I/O ports. This function is enabled when the OCU disables the
waveform output.
OUT2 , OUT3
Event output pins for output compares OCU2 and OCU3. This function is
enabled when the OCU enables the waveform output.
IN6 , IN7
Trigger input pins for input captures ICU6 and ICU7. Set the corresponding
Port Direction Register to input and disable the OCU waveform output if this
function is used.
59 to 62
61 to 64
P80 to P83
D
General I/O ports. This function is enabled when 8/16-bit PPG disables the
waveform output.
PPG0 to PPG3
Output pins for 8/16-bit PPGs. This function is enabled when 8/16-bit PPG
enables the waveform output.
63 , 64
65 , 66
P84 , P85
D
General I/O ports. This function is enabled when the OCU disables the
waveform output.
OUT0 , OUT1
Waveform output pins for output compares OCU0 and OCU1. This function is
enabled when the OCU enables the waveform output.
65
67
P86
D
General I/O port. This function is always enabled.
TIN1
Input pin for the 16-bit reload timers 1. Set the corresponding Port Direction
Register to input if this function is used.
66
68
P87
D
General I/O port. This function is enabled when the 16-bit reload timers 1
disables the output.
TOT1
Output pin for the 16-bit reload timers 1.This function is enabled when the 16-
bit reload timers 1 enables the output.
67 to 70
69 to 72
P90 to P93
D
General I/O port. This function is always enabled.
INT0 to INT3
External interrupt request input pins for INT0 to INT3. Set the corresponding
Port Direction Register to input if this function is used.
71
73
P94
D
General I/O port. This function is enabled when CAN0 disables the output.
TX0
TX output pin for CAN0. This function is enabled when CAN0 enables the
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com