전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5530A 데이터시트(PDF) 41 Page - Advanced Micro Devices

부품명 CS5530A
상세설명  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A 데이터시트(HTML) 41 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 37Page - Advanced Micro Devices CS5530A Datasheet HTML 38Page - Advanced Micro Devices CS5530A Datasheet HTML 39Page - Advanced Micro Devices CS5530A Datasheet HTML 40Page - Advanced Micro Devices CS5530A Datasheet HTML 41Page - Advanced Micro Devices CS5530A Datasheet HTML 42Page - Advanced Micro Devices CS5530A Datasheet HTML 43Page - Advanced Micro Devices CS5530A Datasheet HTML 44Page - Advanced Micro Devices CS5530A Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
41
Signal Definitions
Revision 1.1
ENA_DISP
B1
I
Display Enable Input
This signal qualifies active data on the pixel input port. It is used to qualify
active pixel data for all display modes and configurations and is not specific
to flat panel display.
Display CRT
HSYNC
C6
I
Horizontal Sync Input
This is the CRT horizontal sync input from the processor’s display controller.
It is used to indicate the start of a new video line. This signal is pipelined for
the appropriate number of clock stages to remain in sync with the pixel data.
A separate output (HSYNC_OUT) is provided to re-drive the CRT and flat
panel interfaces.
HSYNC_OUT
N1
O
Horizontal Sync Output
This is the horizontal sync output to the CRT. It represents a delayed version
of the input horizontal sync signal with the appropriate pipeline delay relative
to the pixel data. The pipeline delay and polarity of this signal are program-
mable.
VSYNC
B5
I
Vertical Sync Input
This is the CRT vertical sync input from the processor’s display controller. It
is used to indicate the start of a new frame. This signal is pipelined for the
appropriate number of clock stages to remain in sync with the pixel data. A
separate output (VSYNC_OUT) is provided to re-drive the CRT and flat
panel interfaces.
VSYNC_OUT
N2
O
Vertical Sync Output
This is the vertical sync output to the CRT. It represents a delayed version of
the input vertical sync signal with the appropriate pipeline delay relative to
the pixel data. The pipeline delay and polarity of this signal are programma-
ble.
DDC_SCL
M2
O
DDC Serial Clock
This is the serial clock for the VESA Display Data Channel interface. It is
used for monitoring communications. The DDC2B standard is supported by
this interface.
DDC_SDA
M4
I/O
DDC Serial Data
This is the bidirectional serial data signal for the VESA Display Data Chan-
nel interface. It is used to monitor communications. The DDC2B standard is
supported by this interface.
The direction of this pin can be configured through F4BAR+Memory Offset
04h[24]: 0 = Input; 1 = Output.
IREF
(Video DAC)
R3
I
Analog
VDAC Current Reference Input
Connect a 680 ohm resistor between this pin and AVSS (analog ground for
Video DAC).
EXTVREFIN
(Video DAC)
T2
I
Analog
External Voltage Reference Pin
Connect this pin to a 1.235V voltage reference.
3.2.11
Display Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com