전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5530A 데이터시트(PDF) 66 Page - Advanced Micro Devices

부품명 CS5530A
상세설명  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A 데이터시트(HTML) 66 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 62Page - Advanced Micro Devices CS5530A Datasheet HTML 63Page - Advanced Micro Devices CS5530A Datasheet HTML 64Page - Advanced Micro Devices CS5530A Datasheet HTML 65Page - Advanced Micro Devices CS5530A Datasheet HTML 66Page - Advanced Micro Devices CS5530A Datasheet HTML 67Page - Advanced Micro Devices CS5530A Datasheet HTML 68Page - Advanced Micro Devices CS5530A Datasheet HTML 69Page - Advanced Micro Devices CS5530A Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 259 page
background image
66
AMD Geode™ CS5530A Companion Device Data Book
Power Management
Revision 1.1
4.4.1.7
Save-to-Disk/Save-to-RAM
This is a derivative of the Off state. The processor and the
CS5530A have the capability to save their complete state.
This state information can be saved to a hard disk or to
RAM and the system can be turned off. When powered
back on, the system can be returned exactly back to the
state it was in when the save process began. This means
that the system does not have to be rebooted in the tradi-
tional sense. In both cases, precautions must be taken in
the system design to make sure that there is sufficient
space on the hard drive or RAM to store the information. In
the case of the RAM, it must also be powered at all times
and can not be corrupted when the system is powered off
and back on.
The PC/AT compatible floppy port is not part of the
CS5530A. If a floppy is attached on the ISA bus in a
SuperI/O or by some other means, some of the FDC regis-
ters are shadowed in the CS5530A because they cannot
be safely read. The FDC registers are shown in Table 4-15.
Additional shadow registers for other functions are
described in:
• Table 4-40 "DMA Shadow Register" on page 98
• Table 4-42 "PIT Shadow Register" on page 100
• Table 4-45 "PIC Shadow Register" on page 102
• Table 4-53 "Real-Time Clock Registers" on page 109
Table 4-15. Power Management Shadow Registers
Bit
Description
F0 Index B4h
Floppy Port 3F2h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 3F2h Shadow (Read Only): Last written value of I/O Port 3F2h. Required for support of FDC power ON/OFF
and Save-to-Disk/RAM coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B5h
Floppy Port 3F7h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 3F7h Shadow (Read Only): Last written value of I/O Port 3F7h. Required for support of FDC power ON/OFF
and Save-to-Disk/RAM coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B6h
Floppy Port 1F2h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 1F2h Shadow (Read Only): Last written value of I/O Port 1F2h. Required for support of FDC power ON/OFF
and Save-to-Disk/RAM coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B7h
Floppy Port 1F7h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 1F7h Shadow (Read Only): Last written value of I/O Port 1F7h. Required for support of FDC power ON/OFF
and Save-to-Disk/RAM coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com