| 전자부품 데이터시트 검색엔진 |
|
STC89LE53RC 데이터시트(PDF) 45 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89LE53RC 데이터시트(HTML) 45 Page - STCmicro Technology Co,.Ltd |
|
45 / 165 page ![]() ANL A,#data Bytes: 2 Cycles: 1 Encoding: 0 1 0 1 0 1 0 0 immediate data Operation: ANL (A)←(A) ←(A) (A) #data ANL direct,A Bytes: 2 Cycles: 1 Encoding: 0 1 0 1 0 0 1 0 direct address Operation: ANL (direct)←(direct) ←(direct) (direct) (A) ANL direct,#data Bytes: 3 Cycles: 2 Encoding: 0 1 0 1 0 0 1 1 direct address immediate data Operation: ANL (direct)←(direct) ←(direct) (direct) #data ANL C , <src-bit> Function: Logical-AND for bit variables Description: If the Boolean value of the source bit is a logical 0 then clear the carry flag; otherwise leave the carry flag in its current state. A slash (“ / ”) preceding the operand in the assembly language indicates that the logical complement of the addressed bit is used as the source value, but the source bit itself is not affceted. No other flsgs are affected. Only direct addressing is allowed for the source operand. Example: Set the carry flag if, and only if, P1.0 = 1, ACC. 7 = 1, and OV = 0: MOV C, P1.0 ;LOAD CARRY WITH INPUT PIN STATE ANL C, ACC.7 ;AND CARRY WITH ACCUM. BIT.7 ANL C, /OV ;AND WITH INVERSE OF OVERFLOW FLAG ANL C,bit Bytes: 2 Cycles: 2 Encoding: 1 0 0 0 0 0 1 0 bit address Operation: ANL (C) ← (C) ← (C) (C) (bit) 45 |