전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY37032P44-125JC 데이터시트(PDF) 48 Page - Cypress Semiconductor

부품명 CY37032P44-125JC
상세설명  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC 데이터시트(HTML) 48 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 44Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 45Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 46Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 47Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 48Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 49Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 50Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 51Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 48 of 64
64
143
CY37064VP44-143AC
A44
44-Lead Thin Quad Flatpack
Commercial
CY37064VP44-143AXC
A44
44-Lead Lead Free Thin Quad Flatpack
CY37064VP48-143BAC
BA50
48-Ball Fine-Pitch Ball Grid Array
CY37064VP100-143AC
A100
100-Lead Thin Quad Flatpack
CY37064VP100-143AXC
A100
100-Lead Lead Free Thin Quad Flatpack
CY37064VP100-143BBC
BB100
100-Ball Fine-Pitch Ball Grid Array
100
CY37064VP44-100AC
A44
44-Lead Thin Quad Flatpack
Commercial
CY37064VP44-100AXC
A44
44-Lead Lead Free Thin Quad Flatpack
CY37064VP48-100BAC
BA50
48-Ball Fine-Pitch Ball Grid Array
CY37064VP100-100AC
A100
100-Lead Thin Quad Flatpack
CY37064VP100-100AXC
A100
100-Lead Lead Free Thin Quad Flatpack
CY37064VP100-100BBC
BB100
100-Ball Fine-Pitch Ball Grid Array
CY37064VP44-100AI
A44
44-Lead Thin Quad Flatpack
Industrial
CY37064VP44-100AXI
A44
44-Lead Lead Free Thin Quad Flatpack
CY37064VP48-100BAI
BA50
48-Ball Fine-Pitch Ball Grid Array
CY37064VP100-100BBI
BB100
100-Ball Fine-Pitch Ball Grid Array
CY37064VP100-100AI
A100
100-Lead Thin Quad Flatpack
CY37064VP100-100AXI
A100
100-Lead Lead Free Thin Quad Flatpack
5962-9952001QYA
Y67
44-Lead Ceramic Leaded Chip Carrier
Military
128
125
CY37128VP100-125AC
A100
100-Lead Thin Quad Flat Pack
Commercial
CY37128VP100-125AXC
A100
100-Lead Lead Free Thin Quad Flat Pack
CY37128VP100-125BBC
BB100
100-Ball Fine-Pitch Ball Grid Array
CY37128VP160-125AC
A160
160-Lead Thin Quad Flat Pack
CY37128VP160-125AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37128VP160-125AI
A160
160-Lead Thin Quad Flat Pack
Industrial
CY37128VP160-125AXI
A160
160-Lead Lead Free Thin Quad Flat Pack
83
CY37128VP100-83AC
A100
100-Lead Thin Quad Flat Pack
Commercial
CY37128VP100-83AXC
A100
100-Lead Lead Free Thin Quad Flat Pack
CY37128VP100-83BBC
BB100
100-Ball Fine-Pitch Ball Grid Array
CY37128VP160-83AC
A160
160-Lead Thin Quad Flat Pack
CY37128VP160-83AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37128VP100-83AI
A100
100-Lead Thin Quad Flat Pack
Industrial
CY37128VP100-83AXI
A100
100-Lead Lead Free Thin Quad Flat Pack
CY37128VP100-83BBI
BB100
100-Ball Fine-Pitch Ball Grid Array
CY37128VP160-83AI
A160
160-Lead Thin Quad Flat Pack
CY37128VP160-83AXI
A160
160-Lead Lead Free Thin Quad Flat Pack
5962-9952201QYA
Y84
84-Lead Ceramic Leaded Chip Carrier
Military
192
100
CY37192VP160-100AC
A160
160-Lead Thin Quad Flat Pack
Commercial
CY37192VP160-100AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
66
CY37192VP160-66AC
A160
160-Lead Thin Quad Flat Pack
Commercial
CY37192VP160-66AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37192VP160-66AI
A160
160-Lead Thin Quad Flat Pack
Industrial
3.3V Ordering Information (continued)
Macro-
cells
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com