전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY37032P44-125JC 데이터시트(PDF) 25 Page - Cypress Semiconductor

부품명 CY37032P44-125JC
상세설명  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC 데이터시트(HTML) 25 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 21Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 22Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 23Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 24Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 25Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 26Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 27Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 28Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 25 of 64
CY37064
CY37128
Typical 5.0V Power Consumption (continued)
The typical pattern is a 16-bit up counter, per logic block, with outputs disabled.
VCC = 5.0V, TA = Room Temperature
0
10
20
30
40
50
60
70
80
90
0
2 0
4 0
6 0
8 0
100
1 2 0
1 4 0
160
1 8 0
Frequency (M H z )
L o w P o we r
H ig h S pee d
0
20
40
60
80
100
120
140
160
0
2 0
4 0
6 0
8 0
100
120
140
160
180
Freque ncy (M H z )
Lo w P o w e r
H igh S p e e d
The typical pattern is a 16-bit up counter, per logic block, with outputs disabled.
VCC = 5.0V, TA = Room Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com