전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY37032P44-125JC 데이터시트(PDF) 18 Page - Cypress Semiconductor

부품명 CY37032P44-125JC
상세설명  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC 데이터시트(HTML) 18 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 14Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 15Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 18Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 19Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 20Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 21Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 18 of 64
Product Term Clocking Parameters
tCOPT
[13, 14, 15]
Product Term Clock or Latch Enable (PTCLK) to Output
ns
tSPT
Set-Up Time from Input to Product Term Clock or Latch Enable (PTCLK)
ns
tHPT
Register or Latch Data Hold Time
ns
tISPT
[13]
Set-Up Time for Buried Register used as an Input Register from Input to Product Term Clock or
Latch Enable (PTCLK)
ns
tIHPT
Buried Register Used as an Input Register or Latch Data Hold Time
ns
tCO2PT
[13, 14, 15]
Product Term Clock or Latch Enable (PTCLK) to Output Delay (Through Logic Array)
ns
Pipelined Mode Parameters
tICS
[13]
Input Register Synchronous Clock (CLK0, CLK1, CLK2, or CLK3) to Output Register Synchronous
Clock (CLK0, CLK1, CLK2, or CLK3)
ns
Operating Frequency Parameters
fMAX1
Maximum Frequency with Internal Feedback (Lesser of 1/tSCS, 1/(tS + tH), or 1/tCO)
[5]
MHz
fMAX2
Maximum Frequency Data Path in Output Registered/Latched Mode (Lesser of 1/(tWL + tWH),
1/(tS +tH), or 1/tCO)
[5]
MHz
fMAX3
Maximum Frequency with External Feedback (Lesser of 1/(tCO + tS) or 1/(tWL + tWH)
[5]
MHz
fMAX4
Maximum Frequency in Pipelined Mode (Lesser of 1/(tCO + tIS), 1/tICS, 1/(tWL + tWH), 1/(tIS + tIH),
or 1/tSCS)
[5]
MHz
Reset/Preset Parameters
tRW
Asynchronous Reset Width[5]
ns
tRR
[13]
Asynchronous Reset Recovery Time[5]
ns
tRO
[13, 14, 15]
Asynchronous Reset to Output
ns
tPW
Asynchronous Preset Width[5]
ns
tPR
[13]
Asynchronous Preset Recovery Time[5]
ns
tPO
[13, 14, 15]
Asynchronous Preset to Output
ns
User Option Parameters
tLP
Low Power Adder
ns
tSLEW
Slow Output Slew Rate Adder
ns
t3.3IO
3.3V I/O Mode Timing Adder[5]
ns
JTAG Timing Parameters
tS JTAG
Set-up Time from TDI and TMS to TCK[5]
ns
tH JTAG
Hold Time on TDI and TMS[5]
ns
tCO JTAG
Falling Edge of TCK to TDO[5]
ns
fJTAG
Maximum JTAG Tap Controller Frequency[5]
ns
Switching Characteristics Over the Operating Range (continued)[12]
Parameter
Description
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com