전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY37032P44-125JC 데이터시트(PDF) 64 Page - Cypress Semiconductor

부품명 CY37032P44-125JC
상세설명  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC 데이터시트(HTML) 64 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 56Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 57Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 58Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 59Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 60Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 61Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 62Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 63Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 64Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 64 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 64 of 64
Document History Page
Document Title: Ultra37000 CPLD Family 5V, 3.3V, ISR™ High-Performance CPLDs
Document Number: 38-03007
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
106272
04/18/01
SZV
Change from Spec number: 38-00475 to 38-03007
*A
124942
03/21/03
OOR
Updated 3.3V VCC requirements for –144 speeds
Added an Addendum
*B
126262
05/09/03
TEH
Changed pinout for CY37128V BB100 package
*C
128125
07/16/03
HOM
Obsoleted following 3.3V PLCC packaged devices:
CY37032VP44-143JC
CY37032VP44-100JC
CY37032VP44-100JI
CY37064VP44-143JC
CY37064VP84-143JC
CY37064VP44-100JC
CY37064VP84-100JC
CY37064VP44-100JI
CY37064VP84-100JI
CY37128VP84-125JC
CY37128VP84-83JC
CY37128VP84-83JI
*D
282709
See ECN
YDT
Changed package diagrams and labels for consistency
Added Lead(Pb)-free logo on first page, as well as a note in Features
Added Lead(Pb)-free package diagram labels
Added Lead-free Parts to Ordering Information
CY37032P44-200AXC, CY37032P44-200JXC, CY37032P44-154AXI,
CY37032P44-154JXI, CY37032P44-125AXC, CY37032P44-125JXC,
CY37064P44-200AXC, CY37064P44-200JXC, CY37064P100-200AXC,
CY37064P44-154AXI, CY37064P44-154JXI, CY37064P44-125AXC,
CY37064P44-125JXC, CY37064P100-125AXC, CY37064P44-125AXI,
CY37064P100-125AXI, CY37128P84-167JXC, CY37128P100-167AXC,
CY37128P160-167AXC, CY37128P84-125JXC, CY37128P100-125AXC,
CY37128P160-125AXC, CY37128P84-125JXI, CY37128P100-125AXI,
CY37128P160-125AXI, CY37128P84-100JXC, CY37128P100-100AXC,
CY37128P160-100AXC, CY37128P100-100AXI, CY37192P160-154AXC,
CY37192P160-125AXC, CY37192P160-125AXI, CY37192P160-83AXC,
CY37192P160-83AXI, CY37256P160-154AXC, CY37256P160-125AXC,
CY37256P160-125AXI, CY37256P160-83AXC, CY37256P160-83AXI,
CY37032VP44-143AXC, CY37032VP44-100AXC, CY37032VP44-100AXI,
CY37032VP44-100JXI, CY37064VP44-143AXC, CY37064VP100-143AXC,
CY37064VP44-100AXC, CY37064VP100-100AXC, CY37064VP44-100AXI,
CY37064VP100-100AXI, CY37128VP100-125AXC, CY37128VP160-125AXC,
CY37128VP160-125AXI, CY37128VP100-83AXC, CY37128VP160-83AXC,
CY37128VP100-83AXI, CY37128VP160-83AXI, CY37192VP160-100AXC,
CY37192VP160-66AXC, CY37256VP160-100AXC, CY37256VP160-100AXI,
CY37256VP160-66AXC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com