전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY37032P44-125JC 데이터시트(PDF) 15 Page - Cypress Semiconductor

부품명 CY37032P44-125JC
상세설명  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC 데이터시트(HTML) 15 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 11Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 12Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 13Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 14Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 15Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 18Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 15 of 64
3.3V Device Characteristics
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State................................................–0.5V to +7.0V
DC Input Voltage ............................................–0.5V to +7.0V
DC Program Voltage............................................. 3.0 to 3.6V
Current into Outputs ...................................................... 8 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Inductance[5]
Parameter Description Test Conditions
44-Lead
TQFP
44-Lead
PLCC
44-Lead
CLCC
84-Lead
PLCC
84-Lead
CLCC
100-Lead
TQFP
160-Lead
TQFP
208-Lead
PQFP
Unit
L
Maximum Pin
Inductance
VIN = 5.0V
at f = 1 MHz
25
28
5
8
9
11
nH
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CI/O
Input/Output Capacitance
VIN = 5.0V at f = 1 MHz at TA = 25°C
10
pF
CCLK
Clock Signal Capacitance
VIN = 5.0V at f = 1 MHz at TA = 25°C
12
pF
CDP
Dual-Function Pins[9]
VIN = 5.0V at f = 1 MHz at TA = 25°C
16
pF
Endurance Characteristics[5]
Parameter
Description
Test Conditions
Min.
Typ.
Unit
N
Minimum Reprogramming Cycles
Normal Programming Conditions[2]
1,000
10,000
Cycles
Operating Range[2]
Range
Ambient Temperature[2]
Junction Temperature
VCC
[10]
Commercial
0°C to +70°C
0°C to +90°C
3.3V ± 0.3V
Industrial
–40°C to +85°C
–40°C to +105°C
3.3V ± 0.3V
Military[3]
–55°C to +125°C
–55°C to +130°C
3.3V ± 0.3V
3.3V Device Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.
IOH = –4 mA (Com’l)
[4]
2.4
V
IOH = –3 mA (Mil)
[4]
VOL
Output LOW Voltage
VCC = Min.
IOL = 8 mA (Com’l)
[4]
0.5
V
IOL = 6 mA (Mil)
[4]
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH Voltage for
all Inputs[7]
2.0
5.5
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW Voltage for
all Inputs[7]
–0.5
0.8
V
IIX
Input Load Current
VI = GND OR VCC, Bus-Hold Disabled
–10
10
µA
IOZ
Output Leakage Current
VO = GND or VCC, Output Disabled,
Bus-Hold Disabled
–50
50
µA
IOS
Output Short Circuit Current[8, 5]
VCC = Max., VOUT = 0.5V
–30
–160
mA
IBHL
Input Bus-Hold LOW Sustaining Current VCC = Min., VIL = 0.8V
+75
µA
IBHH
Input Bus-Hold HIGH Sustaining Current VCC = Min., VIH = 2.0V
–75
µA
IBHLO
Input Bus-Hold LOW Overdrive Current VCC = Max.
+500
µA
Notes:
9. Dual pins are I/O with JTAG pins.
10. For CY37064VP100-143AC, CY37064VP100-143BBC, CY37064VP44-143AC, CY37064VP48-143BAC; Operating Range: VCC is 3.3V± 0.16V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com