전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATR4258 데이터시트(PDF) 9 Page - ATMEL Corporation

부품명 ATR4258
상세설명  AM/FM RECEIVER IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 데이터시트(HTML) 9 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 5Page - ATMEL Corporation ATR4258 Datasheet HTML 6Page - ATMEL Corporation ATR4258 Datasheet HTML 7Page - ATMEL Corporation ATR4258 Datasheet HTML 8Page - ATMEL Corporation ATR4258 Datasheet HTML 9Page - ATMEL Corporation ATR4258 Datasheet HTML 10Page - ATMEL Corporation ATR4258 Datasheet HTML 11Page - ATMEL Corporation ATR4258 Datasheet HTML 12Page - ATMEL Corporation ATR4258 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
ATR4258
4838A–AUDR–10/04
FM 1st IF Amplifier
A programmable gain amplifier is used in FM (and WB) mode between pin 38 and
pin 30 to compensate the loss in the external ceramic band filters. The gain of this
amplifier is adjusted by bit 89 to bit 91. The input and the output resistance is 330
Ω and
fits to external ceramic filters.
Two different temperature coefficients of the FM IF amplifier can be selected by bit 66.
AM 1st IF Amplifier
In AM and WB mode, the gain of the 1st IF amplifier is controlled by the IF-AGC to
extend the control range of the IF-AGC.
2nd Mixer
The 2nd mixer is used in AM, FM and WB mode. The mixer input has 330
Ω input resis-
tance and can be connected directly to an external ceramic filter.
In FM mode, the high output resistance of the second mixer is reduced to increase the
bandwidth of the tank at the mixer output. The output resistance can be selected by
bit 60 and bit 61.
In AM and WB mode bit 61 and bit 62 should be set to 0.
The LO frequency of the 2nd mixer (10.25 MHz) has to be applied at pin 22. This signal
is usually generated by the PLL circuit U4256BM.
Table 9. Gain of the FM IF Amplifier
Gain FM IF
Bit 91
Bit 90
Bit 89
19 dB
0
0
0
21 dB
0
0
1
23 dB
0
1
0
25 dB
0
1
1
27 dB
1
0
0
28 dB
1
0
1
29 dB
1
1
0
30 dB
1
1
1
Table 10. Temperature Coefficient Setting of FM IF Amplifier
Temperature Coefficient (TC) of the IF Amplifier
Bit 66
TK
min (TK 1)
0
TK
max (TK 2)
1
Table 11. 2nd Mixer Output Resistance in FM Mode
Bit 61
Bit 60
Output Resistance (Bit 54 = 0)
Output Resistance (Bit 54 = 1)
00
3.3 k
~100 k
0
1
0.63 k
0.78 k
1
0
0.47 k
0.55 k
1
1
0.29 k
0.32 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com