전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATR4258 데이터시트(PDF) 19 Page - ATMEL Corporation

부품명 ATR4258
상세설명  AM/FM RECEIVER IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 데이터시트(HTML) 19 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 15Page - ATMEL Corporation ATR4258 Datasheet HTML 16Page - ATMEL Corporation ATR4258 Datasheet HTML 17Page - ATMEL Corporation ATR4258 Datasheet HTML 18Page - ATMEL Corporation ATR4258 Datasheet HTML 19Page - ATMEL Corporation ATR4258 Datasheet HTML 20Page - ATMEL Corporation ATR4258 Datasheet HTML 21Page - ATMEL Corporation ATR4258 Datasheet HTML 22Page - ATMEL Corporation ATR4258 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19
ATR4258
4838A–AUDR–10/04
A Multipath Noise Canceller (MNC) is implemented to reduce disturbance of the
received signal in multipath reception conditions. If the difference between the momen-
tary and the averaged field strength falls below a threshold adjustable by bit 81 to 84
(see Table 32), the MPX signal may be muted and this situation (MPINT) can be signal-
ized at pin 21 (INT) according to Table 29 on page 17. Muting of the MPX signal during
multipath disturbances can be activated be setting bit 8.
The Multipath interrupt can also be switched on/off by bit 4.
Table 31. Multipath Noise Canceller
Multipath Noise Canceller
Bit 8
Active
0
Not active
1
Table 32. Sensitivity of the MNC
Sensitivity MNC (Threshold)
Bit 84
Bit 83
Bit 82
Bit 81
Off
000
0
Low
0
0
0
1
...
...
...
...
...
(-33 dB)
0
0
1
1
...
...
...
...
...
Normal (-14 dB)
0
1
1
1
...
...
...
...
...
High (-9 dB)
1
1
1
1
Note:
Valid in FM or WB mode (bit 92 = 1)
Table 33. Multipath Interrupt (MPINT)
MPINT (Pin 21)
Bit 4
Off
0
On (MPINT active)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com