전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATR4258 데이터시트(PDF) 23 Page - ATMEL Corporation

부품명 ATR4258
상세설명  AM/FM RECEIVER IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 데이터시트(HTML) 23 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 19Page - ATMEL Corporation ATR4258 Datasheet HTML 20Page - ATMEL Corporation ATR4258 Datasheet HTML 21Page - ATMEL Corporation ATR4258 Datasheet HTML 22Page - ATMEL Corporation ATR4258 Datasheet HTML 23Page - ATMEL Corporation ATR4258 Datasheet HTML 24Page - ATMEL Corporation ATR4258 Datasheet HTML 25Page - ATMEL Corporation ATR4258 Datasheet HTML 26Page - ATMEL Corporation ATR4258 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
ATR4258
4838A–AUDR–10/04
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All voltages are referred to GND (pin 25)
Parameters
Symbol
Value
Unit
Supply voltage, pin 42
V
S
10
V
Power dissipation
P
tot
1000
mW
Junction temperature
T
j
150
°C
Ambient temperature range
T
amb
-40 to +85
°C
Storage temperature range
T
stg
-50 to +150
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient, soldered to PCB
R
thJA
60
K/W
Operating Range
All voltages are referred to GND (pin 25)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range, pin 42
V
S
8.0
8.5
10
V
Ambient temperature
T
amb
-40
+85
°C
Electrical Characteristics
Test conditions (unless otherwise specified): V
S = 8.5 V, Tamb = 25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Power Supply
1.1
Supply voltage
42
V
S
8.0
8.5
10
V
C
1.2
Supply current
Standby mode
(bit 92 = 0, bit 93 = 0)
42
I
Stby
35
45
mA
A
1.3
Supply current
Other operation
modes
42
I
S
50
65
mA
A
2
VCO (Bit 52 = 0, Bit 30 = 1)
2.1
Frequency range
f
VCO
70
260
MHz
D
2.2
DC bias voltage
13
3.4
3.7
4.0
V
A
2.3
Buffer output voltage
f
osc = 120 MHz
16
250
mVrms
C
2.4
Buffer output
resistance
16
70
D
2.5
Buffer output DC
voltage
16
3.8
4.1
4.4
V
A
3FM RF-AGC
3.1
Saturation voltage
No input signal
5
8.3
V
A
3.2
Saturation voltage
No input signal
5
V
S - 0.2
V
B
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com