전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATR4258 데이터시트(PDF) 29 Page - ATMEL Corporation

부품명 ATR4258
상세설명  AM/FM RECEIVER IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 데이터시트(HTML) 29 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 25Page - ATMEL Corporation ATR4258 Datasheet HTML 26Page - ATMEL Corporation ATR4258 Datasheet HTML 27Page - ATMEL Corporation ATR4258 Datasheet HTML 28Page - ATMEL Corporation ATR4258 Datasheet HTML 29Page - ATMEL Corporation ATR4258 Datasheet HTML 30Page - ATMEL Corporation ATR4258 Datasheet HTML 31Page - ATMEL Corporation ATR4258 Datasheet HTML 32Page - ATMEL Corporation ATR4258 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
ATR4258
4838A–AUDR–10/04
Application Information
AM Prescaler (Divider)
Settings
The AM mixer is used for up conversion of the AM reception frequency to the IF fre-
quency. Therefore an AM prescaler is implemented to generate the necessary LO from
the VCO frequency. For the reception of the AM band different prescaler (divider) set-
tings are possible.
Table 37 gives an example for the AM prescaler (divider) settings and the reception
frequencies.
e.g.,
f
VCO = 98.2 MHz ... 124 MHz
f
IF = 10.7 MHz
Note:
Prescaler VCO Divider = 1 in this example.
Table 37. AM Prescaler (Divider) Settings and Reception Frequencies
Divider (AM Prescaler)
Minimum Reception Frequency
[MHz]
Maximum Reception Frequency
[MHz]
divide by 2
38.4
51.3
divide by 3
20.033
30.633
divide by 4
13.85
20.3
divide by 5
8.94
14.1
divide by 6
5.667
9.967
divide by 7
3.329
7.014
divide by 8
1.575
4.8
divide by 9
0.211
3.078
divide by 10
0
1.7
f
rec
f
VCO
AM Prescaler
------------------------------------
⎝⎠
⎛⎞ f
IF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com