전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATR4258 데이터시트(PDF) 32 Page - ATMEL Corporation

부품명 ATR4258
상세설명  AM/FM RECEIVER IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 데이터시트(HTML) 32 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 28Page - ATMEL Corporation ATR4258 Datasheet HTML 29Page - ATMEL Corporation ATR4258 Datasheet HTML 30Page - ATMEL Corporation ATR4258 Datasheet HTML 31Page - ATMEL Corporation ATR4258 Datasheet HTML 32Page - ATMEL Corporation ATR4258 Datasheet HTML 33Page - ATMEL Corporation ATR4258 Datasheet HTML 34Page - ATMEL Corporation ATR4258 Datasheet HTML 35Page - ATMEL Corporation ATR4258 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
ATR4258
4838A–AUDR–10/04
Figure 14. Multipath Sensor Frequency Response
Note:
Generator level 40 dBµV
Figure 15. Deviation Sensor
Note:
FM modulation frequency: 1 kHz; BW setting 2nd IF filter = 120 kHz;
demodulator fine tuning (bit 53 = 0)
The center frequency of the integrated band filter has to adjusted
(e.g., IF center frequency = 462.50 kHz).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100
1000
10000
100000
AM Modulation Frequency [Hz]
90% at -40°C
90% at 25°C
60% at 85°C
60% at -40°C
60% at 25°C
0
1
2
3
4
5
10000
30000
50000
70000
90000
Frequency Deviation [Hz]
+85°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com