전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

82801E 데이터시트(PDF) 78 Page - Intel Corporation

부품명 82801E
상세설명  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

82801E 데이터시트(HTML) 78 Page - Intel Corporation

Back Button 82801E Datasheet HTML 74Page - Intel Corporation 82801E Datasheet HTML 75Page - Intel Corporation 82801E Datasheet HTML 76Page - Intel Corporation 82801E Datasheet HTML 77Page - Intel Corporation 82801E Datasheet HTML 78Page - Intel Corporation 82801E Datasheet HTML 79Page - Intel Corporation 82801E Datasheet HTML 80Page - Intel Corporation 82801E Datasheet HTML 81Page - Intel Corporation 82801E Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
Intel® 82801E C-ICH
78
Advance Information Datasheet
5.2
Tri-state Mode
When in the tri-state mode, all outputs and bidirectional pin are tri-stated, including the XOR
Chain outputs.
5.3
XOR Chain Mode
In the 82801E C-ICH, provisions for Automated Test Equipment (ATE) board level testing are
implemented with XOR Chains. The 82801E C-ICH signals are grouped into four independent
XOR chains which are enabled individually. When an XOR chain is enabled, all output and
bidirectional buffers within that chain are tri-stated, except for the XOR chain output. Every signal
in the enabled XOR chain (except for the XOR chain’s output) functions as an input. All output and
bidirectional buffers for pins not in the selected XOR chain are tri-stated. Figure 30 is a schematic
example of XOR chain circuitry.
Table 57 - Table 60 list each XOR chain pin ordering, with the first value being the first input and
the last value being the XOR chain output. Table 61 lists the signal pins not included in any XOR
chain.
Figure 30. Example XOR Chain Circuitry
Input
Pin 2
Vcc
Input
Pin 1
Input
Pin 3
Input
Pin 4
Input
Pin 5
Input
Pin 6
XOR
Chain
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84