전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

82801E 데이터시트(PDF) 20 Page - Intel Corporation

부품명 82801E
상세설명  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

82801E 데이터시트(HTML) 20 Page - Intel Corporation

Back Button 82801E Datasheet HTML 16Page - Intel Corporation 82801E Datasheet HTML 17Page - Intel Corporation 82801E Datasheet HTML 18Page - Intel Corporation 82801E Datasheet HTML 19Page - Intel Corporation 82801E Datasheet HTML 20Page - Intel Corporation 82801E Datasheet HTML 21Page - Intel Corporation 82801E Datasheet HTML 22Page - Intel Corporation 82801E Datasheet HTML 23Page - Intel Corporation 82801E Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
Intel® 82801E C-ICH
20
Advance Information Datasheet
SIU_LAD[1]
A15
SIU_LAD[2]
C14
SIU_LAD[3]
E14
SIU_LCLK
E13
SIU_LDRQ#
C15
SIU_LFRAME#
B15
SIU_RESET#
D13
SIU_SERIRQ
A14
SIU0_CTS#
D17
SIU0_DCD#
B20
SIU0_DSR#
D18
SIU0_DTR#
B19
SIU0_RI#
A21
SIU0_RTS#
E16
SIU0_RXD
E17
SIU0_TXD
D19
SIU1_CTS#
D16
SIU1_DCD#
C16
SIU1_DSR#
A18
SIU1_DTR#
B16
SIU1_RI#
D15
SIU1_RTS#
A16
SIU1_RXD
B18
SIU1_TXD
C17
SMBALERT#/GPIO[11]
U1
SMBCLK
T2
SMBDATA
R4
SMI#
T21
SMLINK[0]
Y5
SMLINK[1]
AA4
SPKR
AB10
STOP#
D4
STPCLK#
T22
SUSCLK
U3
THRM#
A11
TP[0]
A12
TP[1]
AA5
TP[2]
AC2
Table 5.
Ball List By Signal Name
Signal Name
Ball Number
TP[3]
AB2
TRDY#
E4
UART_CLK
A19
USBP0N
T5
USBP0P
U4
USBP1N
V2
USBP1P
W1
V_CPU_IO
V21
V_CPU_IO
W22
V5REF
AB1
V5REF
AC10
V5REF
D11
V5REF
V5
V5REF
Y3
VBIAS
AB6
Vcc1_8
B8
Vcc1_8
B14
Vcc1_8
B22
Vcc1_8
E2
Vcc1_8
F8
Vcc1_8
F9
Vcc1_8
F10
Vcc1_8
F14
Vcc1_8
F21
Vcc1_8
F23
Vcc1_8
H22
Vcc1_8
J18
Vcc1_8
K10
Vcc1_8
K12
Vcc1_8
K14
Vcc1_8
K18
Vcc1_8
L14
Vcc1_8
M10
Vcc1_8
M14
Vcc1_8
N5
Vcc1_8
P10
Vcc1_8
P12
Vcc1_8
P14
Table 5.
Ball List By Signal Name
Signal Name
Ball Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84