전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

82801E 데이터시트(PDF) 79 Page - Intel Corporation

부품명 82801E
상세설명  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

82801E 데이터시트(HTML) 79 Page - Intel Corporation

Back Button 82801E Datasheet HTML 75Page - Intel Corporation 82801E Datasheet HTML 76Page - Intel Corporation 82801E Datasheet HTML 77Page - Intel Corporation 82801E Datasheet HTML 78Page - Intel Corporation 82801E Datasheet HTML 79Page - Intel Corporation 82801E Datasheet HTML 80Page - Intel Corporation 82801E Datasheet HTML 81Page - Intel Corporation 82801E Datasheet HTML 82Page - Intel Corporation 82801E Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
79
Table 57.
XOR Chain #1
(RTCRST# Asserted for four PCI Clocks while
PWROK Active)
Pin Name
Ball #
Notes
SIU0_RXD
E17
Top of XOR Chain 1
SIU0_TXD
D19
Second signal in
XOR
SIU0_CTS#
D17
SIU0_DSR#
D18
SIU0_DCD#
B20
SIU0_RI#
A21
SIU0_DTR#
B19
SIU0_RTS#
E16
SIU1_RXD
B18
SIU1_TXD
C17
SIU1_CTS#
D16
SIU1_DSR#
A18
SIU1_DCD#
C16
SIU1_RI#
D15
SIU1_DTR#
B16
SIU1_RTS#
A16
SIU_LDRQ#
C15
SIU_LAD[3]
E14
SIU_LFRAME#
B15
SIU_LAD[0]
D14
SIU_LAD[1]
A15
SIU_LAD[2]
C14
SIU_SERIRQ
A14
SIU_RESET#
D13
LFRAME#
/FWH4
C13
FWH3
/LAD3
B13
TP0
A12
FWH0
/LAD0
B12
FWH1
/LAD1
D12
FWH2
/LAD2
E12
THRM#
A11
LDRQ0#
B11
LDRQ1#
C11
GPIO[21]
A10
GNTA#
/GPIO16
B10
REQB#
/REQ5#
/GPIO1
C10
GNTB#
/GNT5#
/GPIO17
B9
GNT1#
D10
GNT0#
A8
REQA#
/GPIO0
C9
PIRQH#
A7
PIRQG#
/GPIO4
E11
PIRQF#
/GPIO3
E10
PIRQE#
/GPIO2
C8
PIRQD#
B7
PIRQA#
A5
PIRQB#
D8
PIRQC#
C7
REQ0#
B5
REQ1#
D7
REQ2#
E9
GNT2#
E8
GNT3#
A3
AD_26
B4
AD_30
C5
AD_24
D6
AD_28
A2
TP[2]
AC2
XOR Chain #1
Output
Table 57.
XOR Chain #1
(RTCRST# Asserted for four PCI Clocks while
PWROK Active)
Pin Name
Ball #
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84