전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

82801E 데이터시트(PDF) 14 Page - Intel Corporation

부품명 82801E
상세설명  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

82801E 데이터시트(HTML) 14 Page - Intel Corporation

Back Button 82801E Datasheet HTML 10Page - Intel Corporation 82801E Datasheet HTML 11Page - Intel Corporation 82801E Datasheet HTML 12Page - Intel Corporation 82801E Datasheet HTML 13Page - Intel Corporation 82801E Datasheet HTML 14Page - Intel Corporation 82801E Datasheet HTML 15Page - Intel Corporation 82801E Datasheet HTML 16Page - Intel Corporation 82801E Datasheet HTML 17Page - Intel Corporation 82801E Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
Intel® 82801E C-ICH
14
Advance Information Datasheet
K5
PLOCK#
K6
Vcc3_3
K10
Vcc1_8
K11
VSS
K12
Vcc1_8
K13
VSS
K14
Vcc1_8
K18
Vcc1_8
K19
HLCOMP
K20
HUBREF
K21
VSS
K22
HL[11]
K23
VSS
L1
AD[27]
L2
AD[25]
L3
VSS
L4
C/BE[3]#
L5
AD[21]
L10
VSS
L11
VSS
L12
VSS
L13
VSS
L14
Vcc1_8
L19
HL[0]
L20
VSS
L21
HL[1]
L22
VSS
L23
HL[2]
M1
AD[29]
M2
AD[31]
M3
GPIO[6]
M4
REQ[3]#
M5
PCICLK
M10
Vcc1_8
M11
VSS
M12
VSS
M13
VSS
M14
Vcc1_8
M19
HL[9]
M20
HL[3]
M21
VSS
M22
HL_STB
M23
VSS
N1
VSS
Table 4.
Ball List By Number
Ball Number
Signal Name
N2
GPIO[7]
N3
GPIO[27]
N4
GPIO[28]
N5
Vcc1_8
N10
VSS
N11
VSS
N12
VSS
N13
VSS
N14
VSS
N19
HL[4]
N20
VSS
N21
HL[10]
N22
VSS
N23
HL_STB#
P1
GPIO[8]
P2
GPIO[12]
P3
GPIO[13]
P4
RESERVED1
P5
VSS
P6
Vcc3_3
P10
Vcc1_8
P11
VSS
P12
Vcc1_8
P13
VSS
P14
Vcc1_8
P18
Vcc1_8
P19
HL[7]
P20
HL[5]
P21
VSS
P22
HL[8]
P23
VSS
R1
PCIRST#
R2
GPIO[25]
R3
Vcc3_3
R4
SMBDATA
R5
RI#
R6
Vcc3_3
R18
Vcc1_8
R19
CPUSLP#
R20
VSS
R21
VSS
R22
VSS
R23
HL[6]
T1
VSS
Table 4.
Ball List By Number
Ball Number
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84