전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STR720RBQ6 데이터시트(PDF) 279 Page - STMicroelectronics

부품명 STR720RBQ6
상세설명  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 데이터시트(HTML) 279 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 275Page - STMicroelectronics STR720RBQ6 Datasheet HTML 276Page - STMicroelectronics STR720RBQ6 Datasheet HTML 277Page - STMicroelectronics STR720RBQ6 Datasheet HTML 278Page - STMicroelectronics STR720RBQ6 Datasheet HTML 279Page - STMicroelectronics STR720RBQ6 Datasheet HTML 280Page - STMicroelectronics STR720RBQ6 Datasheet HTML 281Page - STMicroelectronics STR720RBQ6 Datasheet HTML 282Page - STMicroelectronics STR720RBQ6 Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
279/401
19.6 Register Description
The USB Peripheral registers can be divided into the following groups:
•
Common Registers: Interrupt and Control registers
•
Endpoint Registers: Endpoint configuration and status
•
Buffer Descriptor Table: Location of packet memory used to locate data buffers
All register addresses are expressed as offsets with respect to the USB Peripheral registers
base address 0xC000 8000, except the buffer descriptor table locations, which starts at the
address specified by the USB_BTABLE register. Due to the common limitation of APB bridges
on word addressability, all register addresses are aligned to 32-bit word boundaries although
they are 16-bit wide. The same address alignment is used to access packet buffer memory
locations, which are located starting from 0xC000 8800. In this section, the following
abbreviations are used:
read/write (rw)
The software can read and write to these bits.
read-only (r)
The software can only read these bits.
write-only (w)
The software can only write to these bits.
Read-clear (rc)
The software can only read or clear this bit.
Toggle (t)
The software can only toggle this bit by writing ‘1’. Writing ‘0’
has no effect.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com