전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD1963QL9 데이터시트(PDF) 27 Page - List of Unclassifed Manufacturers

부품명 SSD1963QL9
상세설명  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 데이터시트(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
SSD1963
Rev 1.1
P 27/93
Jan 2010
Solomon Systech
9.7
enter_sleep_mode
Command
0x10
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
1
0
0
0
0
10
Description
Turn off the panel. This command causes the SSD1963 to enter sleep mode and pull low the GPIO[0] if set_gpio_conf
(0xB8) B0 = 0
If GPIO[0] is configured as normal GPIO or LCD miscellaneous signal with command set_gpio_conf (0xB8), this
command will not affect the GPIO[0].
Note :
The host processor must wait 5ms before sending any new commands to a SSD1963 following this command.
9.8
exit_sleep_mode
Command
0x11
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
1
0
0
0
1
11
Description
Turn on the panel.
This command causes the SSD1963 to exit sleep mode and will pull high the GPIO[0] if
set_gpio_conf (0xB8) B0 = 0.
If GPIO[0] is configured as normal GPIO or LCD miscellaneous signal with command set_gpio_conf (0xB8), this
command will not affect the GPIO[0].
Note :
The host processor must wait 5ms after sending this command before sending another command.
**This command will automatic trigger set_display_on (0x29)
9.9
enter_partial_mode
Command
0x12
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
1
0
0
1
0
12
Description
Once enter_partial_mode is triggered, the Partial Display Mode window is described by the set_partial_area (0x30).
Once enter_normal_mode (0x13) is triggered, partial display mode will end.
9.10 enter_normal_mode
Command
0x13
Parameters
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93