전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD1963QL9 데이터시트(PDF) 52 Page - List of Unclassifed Manufacturers

부품명 SSD1963QL9
상세설명  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 데이터시트(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 52Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 53Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 54Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 55Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Solomon Systech
Jan 2010
P 52/93
Rev 1.1
SSD1963
9.41 set_gpio_value
Command
0xBA
Parameters
1
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
0
1
1
1
0
1
0
BA
Parameter 1
1
0
0
0
0
A3
A2
A1
A0
xx
Description
Set GPIO value for GPIO configured as output
A[3] : GPIO3 value (POR = 0)
0
GPIO3 outputs 0
1
GPIO3 outputs 1
A[2] : GPIO2 value (POR = 0)
0
GPIO2 outputs 0
1
GPIO2 outputs 1
A[1] : GPIO1 value (POR = 0)
0
GPIO1 outputs 0
1
GPIO1 outputs 1
A[0] : GPIO0 value (POR = 0)
0
GPIO0 outputs 0
1
GPIO0 outputs 1
9.42 get_gpio_status
Command
0xBB
Parameters
1
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
0
1
1
1
0
1
1
BB
Parameter 1
1
0
0
0
0
A3
A2
A1
A0
xx
Description
Read current GPIO status. If the individual GPIO was configured as input, the value is the status of the corresponding
pin. Otherwise, it is the programmed value.
A[3] : GPIO3 value (POR : depends on pad value)
0
GPIO3 is pulled low
1
GPIO3 is pulled high
A[2] : GPIO2 value (POR : depends on pad value)
0
GPIO2 is pulled low
1
GPIO2 is pulled high
A[1] : GPIO1 value (POR : depends on pad value)
0
GPIO1 is pulled low
1
GPIO1 is pulled high
A[0] : GPIO0 value (POR : depends on pad value)
0
GPIO0 is pulled low
1
GPIO0 is pulled high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93