전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD1963QL9 데이터시트(PDF) 47 Page - List of Unclassifed Manufacturers

부품명 SSD1963QL9
상세설명  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 데이터시트(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
SSD1963
Rev 1.1
P 47/93
Jan 2010
Solomon Systech
VDP[7:0] : Low byte of the vertical panel size (POR = 11011111)
G[5:3] : Even line RGB sequence (POR = 000)
000
RGB
001
RBG
010
GRB
011
GBR
100
BRG
101
BGR
11x
Reserved
G[2:0] : Odd line RGB sequence (POR = 000)
000
RGB
001
RBG
010
GRB
011
GBR
100
BRG
101
BGR
11x
Reserved
9.35 set_hori_period
Command
0xB4
Parameters
8
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
0
1
1
0
1
0
0
B4
Parameter 1
1
0
0
0
0
0
HT10
HT9
HT8
xx
Parameter 2
1
HT7
HT6
HT5
HT4
HT3
HT2
HT1
HT0
xx
Parameter 3
1
0
0
0
0
0
HPS10
HPS9
HPS8
xx
Parameter 4
1
HPS7
HPS6
HPS5
HPS4
HPS3
HPS2
HPS1
HPS0
xx
Parameter 5
1
0
HPW6
HPW5
HPW4
HPW3
HPW2
HPW1
HPW0
xx
Parameter 6
1
0
0
0
0
0
LPS10
LPS9
LPS8
xx
Parameter 7
1
LPS7
LPS6
LPS5
LPS4
LPS3
LPS2
LPS1
LPS0
xx
Parameter 8
1
0
0
0
0
0
0
LPSPP1
LPSPP0
xx
Description
Set front porch and back porch
HT[10:8] :
High byte of horizontal total period (display + non-display) in pixel clock (POR = 010)
HT[7:0] :
Low byte of the horizontal total period (display + non-display) in pixel clock (POR = 10101111)
Horizontal total period = (HT + 1) pixels
HPS[10:8] :
High byte of the non-display period between the start of the horizontal sync (LLINE) signal and the first
display data. (POR = 000)
HPS[7:0] :
Low byte of the non-display period between the start of the horizontal sync (LLINE) signal and the first
display data. (POR = 00100000)
For TFT : Horizontal Sync Pulse Start Position = HPS pixels
For Serial TFT : Horizontal Sync Pulse Start Position = HPS pixels + LPSPP subpixels
HPW[6:0] :
Set the horizontal sync pulse width (LLINE) in pixel clock. (POR = 0000111)
Horizontal Sync Pulse Width = (HPW + 1) pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93