| 전자부품 데이터시트 검색엔진 |
|
SSD1963QL9 데이터시트(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9 데이터시트(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 93 page ![]() SSD1963 Rev 1.1 P 29/93 Jan 2010 Solomon Systech Figure 9-2: Enter Invert mode example Frame Buffer Display Panel 9.13 set_gamma_curve Command 0x26 Parameters 1 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 0 0 1 1 0 26 Parameter 1 1 0 0 0 0 A3 A2 A1 A0 xx Description Selects the gamma curve used by the display panel. A[3:0] Gamma curve selection (POR = 1000) GAMAS[1] GAMAS[0] 0000 No gamma curve selected (Same as 0001b) 0 0 0001 Gamma curve 0 0 0 0010 Gamma curve 1 0 1 0100 Gamma curve 2 1 0 1000 Gamma curve 3 1 1 Others Reserved 9.14 set_display_off Command 0x28 Parameters None D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 0 1 0 0 0 28 Description Blanks the display panel. The frame buffer contents remain unchanged. 9.15 set_display_on Command 0x29 Parameters None D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 0 1 0 0 1 29 Description Show the image on the display panel |