| 전자부품 데이터시트 검색엔진 |
|
CC3235MODASF 데이터시트(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3235MODASF 데이터시트(HTML) 17 Page - Texas Instruments |
|
17 / 100 page ![]() Copyright © 2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF 17 CC3235MODAS, CC3235MODASF www.ti.com SWRS233 – OCTOBER 2019 Table 4-2. Pin Attributes and Pin Multiplexing (continued) GENERAL PIN ATTRIBUTES FUNCTION PAD STATES Pkg. Pin Pin Alias Use Select as Wakeup Source Config. Addl. Analog Mux Muxed With JTAG Dig. Pin Mux Config. Reg. Dig. Pin Mux Config. Mode Value Signal Name Signal Description Signal Direction LPDS(1) Hib(2) nRESET = 0 6 GPIO15 I/O No No No GPIO_PAD_ CONFIG_15 (0x4402 E0DC) 0 GPIO15 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 5 I2C_SDA I2C data I/O (open drain) 7 GSPI_MISO General SPI MISO I/O 4 pDATA9 (CAM_D5) Parallel camera data bit 5 I 13 GT_CCP06 Timer capture port I 8 SDCARD_ DATA0 SD card data I/O 7 GPIO16 I/O No No No GPIO_PAD_ CONFIG_16 (0x4402 E0E0) 0 GPIO16 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z Hi-Z, Pull, Drive Hi-Z, Pull, Drive 7 GSPI_MOSI General SPI MOSI I/O Hi-Z, Pull, Drive 4 pDATA10 (CAM_D6) Parallel camera data bit 6 I Hi-Z, Pull, Drive 5 UART1_TX UART1 TX data O 1 13 GT_CCP07 Timer capture port I Hi-Z, Pull, Drive 8 SDCARD_CLK SD card clock O Zero |