| 전자부품 데이터시트 검색엔진 |
|
LPC47M14X 데이터시트(PDF) 15 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M14X 데이터시트(HTML) 15 Page - SMSC Corporation |
|
15 / 205 page ![]() SMSC DS – LPC47M14X Page 15 Rev. 03/19/2001 3.2 PINS THAT REQUIRE EXTERNAL PULLUP RESISTORS The following pins require external pullup resistors: KDAT KCLK MDAT MCLK GP36/KBDRST if KBDRST function is used GP37/A20M if A20M function is used GP20/P17 If P17 function is used GP21/P16 if P16 function is used GP22/P12 if P12 function is used GP27/nIO_SMI if nIO_SMI function is used as Open Collector output. GP42/nIO_PME if nIO_PME function is used as Open Collector output. SER_IRQ GP40/DRVDEN0 if DRVDEN0 function is used as Open Collector. GP41/DRVDEN1 if DRVDEN1 function is used as Open Collector. nMTR0 if used as Open Collector Output nDS0 if used as Open Collector Output nDIR if used as Open Collector Output nSTEP if used as Open Collector Output nWDATA if used as Open Collector Output nWGATE if used as Open Collector Output nHDSEL if used as Open Collector Output nINDEX nTRK0 nWRTPRT nRDATA nDSKCHG |