전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA 데이터시트(PDF) 6 Page - Bellnix Co.,Ltd.

부품명 BTA
상세설명  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA 데이터시트(HTML) 6 Page - Bellnix Co.,Ltd.

Back Button BTA Datasheet HTML 2Page - Bellnix Co.,Ltd. BTA Datasheet HTML 3Page - Bellnix Co.,Ltd. BTA Datasheet HTML 4Page - Bellnix Co.,Ltd. BTA Datasheet HTML 5Page - Bellnix Co.,Ltd. BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. BTA Datasheet HTML 10Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
6
DC-DC Converter
BDD2008
1203
4-4 Measurement Circuit
7
+Vout
4
-
Vout
Load
C2
1
3
-
Vin
+Vin
+
Vin
BTA-W Series
ON/OFF
SW3
2
V
A
Vadj
SW4
V
A
Open = Output OFF
C4
R1
Coaxes cable: 50Ω, 1.5m
R1: 51Ω
C4: 0.1μF
Oscilloscpe
(Measuring
Ripple/Noise)
7
+Vout
5
-
Vout
Load
C1
1
3
-
Vin
+Vin
+
Vin
BTA-S Series
ON/OFF
SW1
2
V
A
Vadj
SW2
V
A
C2, C3: 0.1μF (Multilayer Ceramic Capacitor)
5
C3
V
A
6
Load
6
C1: 0.1μF (Multilayer Ceramic Capacitor)
SW2
SW1
Short = Output ON
Open = Output OFF
Vout = 3.3V→3.6V
= 5V→6V
= 12V→15V
Short:
Open:
= 3.3V, 5V, 12V
Vout
SW3
Short = Output ON
SW4
Short: Vout = ±15V
Open: Vout = ±12V
4-5 Additional Function
Article
Specification/Standarization
Condition
Over Current
Protection Circuit
Operates above 105%,
Auto-recovery type
Over Voltage
Protection Circuit
None
Low Input Voltage
Protection Function
Available
Output Voltage
Adjustable Range
3.15 to 3.6V(BTAXX-03SXXX)
4.75 to 6.0V(BTAXX-05SXXX)
11.4 to 15V(BTAXX-12SXXX)
±11.4 to ±15V(BTAXX-12WXXX)
By External Resistor.
Refer to 7-2
ON/OFF Control
Output ON at Low(0− 0.4V)
Output OFF at open
Refer to 7-1
4-6 Isolation Voltage,Isolation Resistance
1- Isolation Voltage
Input - Output,Input - Case,Output - Case : AC500V,1min.
2- Isolation Resistance
Input - Output,Input - Case,Output - Case : Over 50MΩ(At DC500V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com