전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA 데이터시트(PDF) 12 Page - Bellnix Co.,Ltd.

부품명 BTA
상세설명  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA 데이터시트(HTML) 12 Page - Bellnix Co.,Ltd.

Back Button BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. BTA Datasheet HTML 10Page - Bellnix Co.,Ltd. BTA Datasheet HTML 11Page - Bellnix Co.,Ltd. BTA Datasheet HTML 12Page - Bellnix Co.,Ltd. BTA Datasheet HTML 13Page - Bellnix Co.,Ltd. BTA Datasheet HTML 14Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
12
DC-DC Converter
BDD20081
203
7-5 Input Circuit Protection Function
Fuse is built in at input in order to protect circuit at secondary side when overcurrent flows to input by some
abnormalities.
Rating current and fusing current of the Built-in fuse is as below table. To assure fusing at abnormality, current
capacity of power supply should be more than fusing current which is stated in below table.
Model
Rating Current
Fusing Current
BTA05
1.25A
Above 2.5A
BTA12
0.75A
Above 1.5A
BTA24
0.75A
Above 1.5A
BTA48
0.75A
Above 1.5A
8. An example method to prevent inverse connection of input power supply.
This product will be damaged when input polarity is connected reversely. Please add protection circuit when
connection may be reversed.
Below diagram is an example of using fuse and diode.
7
+Vout
5
-
Vout
Load
C2
C3
1
3
-
Vin
+Vin
+
C1
+
D1
+
Vin
FUSE
BTA-S Series
2
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com