전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA 데이터시트(PDF) 11 Page - Bellnix Co.,Ltd.

부품명 BTA
상세설명  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA 데이터시트(HTML) 11 Page - Bellnix Co.,Ltd.

Back Button BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. BTA Datasheet HTML 10Page - Bellnix Co.,Ltd. BTA Datasheet HTML 11Page - Bellnix Co.,Ltd. BTA Datasheet HTML 12Page - Bellnix Co.,Ltd. BTA Datasheet HTML 13Page - Bellnix Co.,Ltd. BTA Datasheet HTML 14Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
11
DC-DC Converter
BDD20081
203
7-2-2 To raise the output voltage
Output voltage can be raised by connecting resistor Ra between Adjustable Output Pin (Vadj) and Minus Output
Pin (−Vout). (Unit for Ra is[kΩ])
BTA-S Series
BTA-W Seires
7
+Vout
6
Vadj
5
-
Vout
Ra
Load
7
+Vout
6
Vadj
4
-
Vout
Ra
Load
Common
5
Load
Output Voltage : Vo[V],Connecting resistor : Ra[kΩ]
BTAXX-03SXXX
Vo = 1.26 × (91.5 + 2.62 Ra) / (32 + Ra)
Ra = (115.3 − 32 Vo) / (Vo − 3.30)
BTAXX-05SXXX
Vo = 1.26 × (84.8 + 3.98 Ra) / (17.8 + Ra)
Ra = (106.85 − 17.8 Vo) / (Vo − 5.01)
BTAXX-12SXXX
Vo = 1.26 × (201 + 9.53 Ra) / (16.9 + Ra)
Ra = (253.26 − 16.9 Vo) / (Vo − 12.01)
BTAXX-12WXXX
Vo = {1.26 × (429 + 19.1 Ra) / (18 + Ra)} / 2
Ra = (540.54 − 36 Vo) / (2 Vo − 24.07)
7-3 Output Over Current Protection Function
Output voltage will be lowered when output current is in state of over current and start operating over current
protection circuit. (Over current protection set point : 105 to 250% of rating current value)
It will automatically recover when over current state is released. In order to avoid from damage, please do not hold
the over current state for more than 30sec.
If by any reason does not auto recover after releasing, please off the output at ON/OFF control or switch off to
reactivate.
7-4 Low Input Voltage Protection Function
This product builds in low input voltage protection function to avoid malfunction at low input voltage. Commencing
operation and termination voltage range is within the below table.
Model
Commencing operation
Termination Voltage
BTA05
3.0 to 4.5V
BTA12
6.0 to 9.0V
BTA24
13 to 18V
BTA48
27 to 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com