전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA 데이터시트(PDF) 9 Page - Bellnix Co.,Ltd.

부품명 BTA
상세설명  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA 데이터시트(HTML) 9 Page - Bellnix Co.,Ltd.

Back Button BTA Datasheet HTML 5Page - Bellnix Co.,Ltd. BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. BTA Datasheet HTML 10Page - Bellnix Co.,Ltd. BTA Datasheet HTML 11Page - Bellnix Co.,Ltd. BTA Datasheet HTML 12Page - Bellnix Co.,Ltd. BTA Datasheet HTML 13Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
9
DC-DC Converter
BDD2008
1203
6. Standard Connection Circuit
1-BTA-S Series
1
3
2
6
5
7
+Vin
-
Vin
ON/OFF
SW1
+Vin
C1
C3
C2
Load
SW2
-
Vout
Vadj
+Vout
BTA-S
Series
SW1
Open = Output OFF
Short = Output ON
C1: 4.7μF
SW2
Vout = 3.3V→3.6V
= 5V→6V
= 12V→15V
Short:
Open:
= 3.3V, 5V, 12V
Vout
C2: 4.7μF
C3: 0.47μF
2-BTA-W Series
1
3
2
6
5
7
+Vin
-
Vin
ON/OFF
SW1
+Vin
C1
C5
C3
Load
SW2
-
Vout
Vadj
+Vout
BTA-W
Series
SW1
Open = Output OFF
Short = Output ON
C2
C4
Load
Common
4
C1:
SW2
Short: Vout = ±15V
Open: Vout = ±12V
C2, C3:
C4, C5:
4.7μF
0.47μF
4.7μF
7. Function±
7-1 ON/OFF Control
By using ON/OFF Control, output voltage can be ON/OFF controlled without charging or discharging input.
Between −Vin pin (Pin3) and ON/OFF pin (Pin2)
Low (0 - 0.4V 1mA max.) : Output ON
Open (Max. +Vin voltage will generate) : Output OFF
or
1
ON/OFF
-
Vin
+Vin
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com